Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7159ACPZ-03-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP7159ACPZ-03-R7
Description  2 A, Ultralow Noise, High PSRR, RF Linear Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7159ACPZ-03-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP7159ACPZ-03-R7 Datasheet HTML 1Page - Analog Devices ADP7159ACPZ-03-R7 Datasheet HTML 2Page - Analog Devices ADP7159ACPZ-03-R7 Datasheet HTML 3Page - Analog Devices ADP7159ACPZ-03-R7 Datasheet HTML 4Page - Analog Devices ADP7159ACPZ-03-R7 Datasheet HTML 5Page - Analog Devices ADP7159ACPZ-03-R7 Datasheet HTML 6Page - Analog Devices ADP7159ACPZ-03-R7 Datasheet HTML 7Page - Analog Devices ADP7159ACPZ-03-R7 Datasheet HTML 8Page - Analog Devices ADP7159ACPZ-03-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
2 A, Ultralow Noise,
High PSRR, RF Linear Regulator
Data Sheet
ADP7159
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Input voltage range: 2.3 V to 5.5 V
Adjustable output voltage range (VOUT): 1.2 V to 3.3 V
Maximum load current: 2 A
Low noise
0.9 μV rms total integrated noise from 100 Hz to 100 kHz
1.6 μV rms total integrated noise from 10 Hz to 100 kHz
Noise spectral density: 1.7 nV/√Hz from 10 kHz to 1 MHz
Power supply rejection ratio (PSRR)
68 dB from 1 kHz to 100 kHz
45 dB at 1 MHz
Dropout voltage: 200 mV typical at IOUT = 2 A, VOUT = 3.3 V
Initial accuracy: ±0.6% at ILOAD = 10 mA
Accuracy over line, load, and temperature: ±1.5%
Quiescent current (IGND)
4.0 mA typical at 0 μA
9.0 mA typical at 2 A
Low shutdown current: 0.2 μA typical
Stable with a 10 μF ceramic output capacitor
10-lead, 3 mm × 3 mm LFCSP and 8-lead SOIC packages
Precision enable
Supported by ADIsimPower tool
APPLICATIONS
Regulation to noise sensitive applications: phase-locked
loops (PLLs), voltage controlled oscillators (VCOs), and
PLLs with integrated VCOs
Communications and infrastructure
Backhaul and microwave links
GENERAL DESCRIPTION
The ADP7159 is an adjustable linear regulator that operates from
2.3 V to 5.5 V and provides up to 2 A of output current. Output
voltages from 1.2 V to 3.3 V are possible depending on the model.
Using an advanced proprietary architecture, the device provides
high power supply rejection and ultralow noise, achieving excellent
line and load transient response with only a 10 μF ceramic
output capacitor.
The ADP7159 is available in four models that optimize power
dissipation and PSRR performance as a function of the input
and output voltage. See Table 9 and Table 10 for selection guides.
The typical output noise of the ADP7159 regulator is 0.9 μV rms
from 100 Hz to 100 kHz and 1.7 nV/√Hz for noise spectral density
from 10 kHz to 1 MHz. The ADP7159 is available in 10-lead,
3 mm × 3 mm LFCSP and 8-lead SOIC packages, making it not
only a very compact solution, but also providing excellent thermal
performance for applications requiring up to 2 A of output
current in a small, low profile footprint.
TYPICAL APPLICATION CIRCUIT
EN
BYP
VREG
ADP7159
VIN
VOUT
VOUT_SENSE
COUT
10µF
VOUT = 3.3V
GND (EPAD)
CIN
10µF
CREG
1µF
CBYP
1µF
VIN = 3.8V
ON
OFF
REF_SENSE
REF
CREF
1µF
R1
VOUT = 1.2V × (R1 + R2)/R2
1kΩ < R2 < 200kΩ
R2
Figure 1. Regulated 3.3 V Output from 3.8 V Input
Table 1. Related Devices
Model
Input
Voltage
Output
Current
Fixed/
Adjustable
Package
ADP7158
2.3 V to
5.5 V
2 A
Fixed
10-Lead LFCSP/
8-Lead SOIC
ADP7156,
ADP7157
2.3 V to
5.5 V
1.2 A
Fixed/
Adjustable
10-Lead LFCSP/
8-Lead SOIC
ADM7150,
ADM7151
4.5 V to
16 V
800 mA
Fixed/
Adjustable
8-Lead LFCSP/
8-Lead SOIC
ADM7154,
ADM7155
2.3 V to
5.5 V
600 mA
Fixed/
Adjustable
8-Lead LFCSP/
8-Lead SOIC
ADM7160
2.2 V to
5.5 V
200 mA
Fixed
6-Lead LFCSP/
5-Lead TSOT
0.1
1
10
100
1k
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
CBYP = 1µF
CBYP = 10µF
CBYP = 100µF
CBYP = 1000µF
Figure 2. Noise Spectral Density at Different Values of CBYP, VOUT = 3.3 V


Similar Part No. - ADP7159ACPZ-03-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP7159 AD-ADP7159 Datasheet
840Kb / 23P
High PSRR, RF Linear Regulator
REV. A
ADP7159 AD-ADP7159 Datasheet
1Mb / 24P
High PSRR, RF Linear Regulator
REV. A
ADP7159 AD-ADP7159 Datasheet
1,022Kb / 23P
High PSRR, RF Linear Regulator
REV. A
More results

Similar Description - ADP7159ACPZ-03-R7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
logo
Linear Technology
LT3042 LINER-LT3042_15 Datasheet
900Kb / 30P
20V, 200mA, Ultralow Noise, Ultrahigh PSRR RF Linear Regulator
logo
Texas Instruments
TPS786 TI1-TPS786_16 Datasheet
1Mb / 37P
Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
logo
Linear Technology
LT3045 LINER-LT3045 Datasheet
2Mb / 32P
20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator
logo
Analog Devices
LT3093 AD-LT3093 Datasheet
4Mb / 32P
Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
LT3094 AD-LT3094 Datasheet
2Mb / 34P
Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
01/19-REV.A
ADM7155 AD-ADM7155 Datasheet
739Kb / 24P
600 mA, Ultralow Noise, High PSRR, RF Linear Regulator
8/2016-Rev. B to Rev. C
ADM7150 AD-ADM7150 Datasheet
801Kb / 24P
800 mA Ultralow Noise, High PSRR, RF Linear Regulator
Rev. 0
ADM7151 AD-ADM7151 Datasheet
1Mb / 24P
800 mA Ultralow Noise, High PSRR, RF Linear Regulator
Rev. B
ADM7154 AD-ADM7154 Datasheet
782Kb / 23P
600 mA, Ultralow Noise, High PSRR, RF Linear Regulator
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com