Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7159ARDZ-01-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP7159ARDZ-01-R7
Description  2 A, Ultralow Noise, High PSRR, RF Linear Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7159ARDZ-01-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP7159ARDZ-01-R7 Datasheet HTML 10Page - Analog Devices ADP7159ARDZ-01-R7 Datasheet HTML 11Page - Analog Devices ADP7159ARDZ-01-R7 Datasheet HTML 12Page - Analog Devices ADP7159ARDZ-01-R7 Datasheet HTML 13Page - Analog Devices ADP7159ARDZ-01-R7 Datasheet HTML 14Page - Analog Devices ADP7159ARDZ-01-R7 Datasheet HTML 15Page - Analog Devices ADP7159ARDZ-01-R7 Datasheet HTML 16Page - Analog Devices ADP7159ARDZ-01-R7 Datasheet HTML 17Page - Analog Devices ADP7159ARDZ-01-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
ADP7159
Data Sheet
Rev. B | Page 14 of 23
APPLICATIONS INFORMATION
ADIsimPOWER DESIGN TOOL
The ADP7159 is supported by the ADIsimPower™ design tool set.
ADIsimPower is a collection of tools that produces complete power
designs optimized for a specific design goal. The tools enable the
user to generate a full schematic, bill of materials, and calculate
performance within minutes. ADIsimPower can optimize designs
for cost, area, efficiency, and device count, taking into consideration
the operating conditions and limitations of the IC and all real
external components. For more information about, and to obtain
ADIsimPower design tools, visit www.analog.com/ADIsimPower.
CAPACITOR SELECTION
Multilayer ceramic capacitors (MLCCs) combine small size, low
ESR, low effective series inductance (ESL), and wide operating
temperature range, making them an ideal choice for bypass
capacitors. They are not without faults, however. Depending on
the dielectric material, the capacitance can vary dramatically with
temperature, dc bias, and ac signal level. Therefore, selecting the
proper capacitor results in the best circuit performance.
Output Capacitor
The ADP7159 is designed for operation with ceramic capacitors
but functions with most commonly used capacitors when care is
taken with regard to the ESR value. The ESR of the output capacitor
affects the stability of the LDO control loop. A minimum of 10 µF
capacitance with an ESR of 0.2 Ω or less is recommended to ensure
the stability of the ADP7159. Output capacitance also affects
transient response to changes in load current. Using a larger
value of output capacitance improves the transient response of
the ADP7159 to large changes in load current. Figure 44 shows
the transient responses for an output capacitance value of 10 µF.
1
2
CH1 1A
CH2 10mV
M4.00µs
A CH1
1.00A
T 21.90%
SLEW RATE = 3A/µs
IOUT
VOUT
Figure 44. Output Transient Response, VOUT = 3.3 V, COUT = 10 µF,
Channel 1 = Load Current, Channel 2 = VOUT
Input and VREG Capacitor
Connecting a 10 µF or greater capacitor from VIN to ground
reduces the circuit sensitivity to PCB layout, especially when
long input traces or high source impedance are encountered.
To maintain the best possible stability and PSRR performance,
connect a 1 µF or greater capacitor from VREG to ground.
REF Capacitor
The REF capacitor, CREF, is necessary to stabilize the reference
amplifier. Connect a 1 µF or greater capacitor between REF and
ground.
BYP Capacitor
The BYP capacitor, CBYP, is necessary to filter the reference buffer.
A 1 µF capacitor is typically connected between BYP and ground.
Capacitors as small as 0.1 µF can be used; however, the output
noise voltage of the LDO increases as a result.
In addition, the BYP capacitor value can be increased to reduce
the noise below 1 kHz at the expense of increasing the start-up
time of the LDO. Very large values of CBYP significantly reduce
the noise below 10 Hz. Tantalum capacitors are recommended
for capacitors larger than approximately 33 µF because solid
tantalum capacitors are less prone to microphonic noise issues.
A 1 μF ceramic capacitor in parallel with the larger tantalum
capacitor is recommended to ensure good noise performance at
higher frequencies.
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
1
10
100
1000
10Hz TO 100kHz
100Hz TO 100kHz
CBYP (µF)
Figure 45. RMS Output Noise vs. Bypass Capacitance (CBYP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com