Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7159ARDZ-01-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP7159ARDZ-01-R7
Description  2 A, Ultralow Noise, High PSRR, RF Linear Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7159ARDZ-01-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP7159ARDZ-01-R7 Datasheet HTML 15Page - Analog Devices ADP7159ARDZ-01-R7 Datasheet HTML 16Page - Analog Devices ADP7159ARDZ-01-R7 Datasheet HTML 17Page - Analog Devices ADP7159ARDZ-01-R7 Datasheet HTML 18Page - Analog Devices ADP7159ARDZ-01-R7 Datasheet HTML 19Page - Analog Devices ADP7159ARDZ-01-R7 Datasheet HTML 20Page - Analog Devices ADP7159ARDZ-01-R7 Datasheet HTML 21Page - Analog Devices ADP7159ARDZ-01-R7 Datasheet HTML 22Page - Analog Devices ADP7159ARDZ-01-R7 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
ADP7159
Data Sheet
Rev. B | Page 20 of 23
PSRR PERFORMANCE
The ADP7159 is available in four models that optimize power
dissipation and PSRR performance as a function of input and
output voltage. See Table 9 and Table 10 for selection guides.
It is recommended to select the corresponding product model for a
particular output voltage range to achieve optimized PSRR
performance. For example, select the ADP7159-04 model for VOUT
= 3.3 V to achieve >65 dB PSRR (10 Hz to 100 kHz) with 500 mV
headroom.
When considering a VOUT = 1.8 V case, note that all four product
models can generate a 1.8 V output, but the ADP7159-01 model
provides the best PSRR performance, though other models, like the
ADP7159-04, are still capable of generating a 1.8 V output for
PSRR relaxed applications.
The ADP7159 supports a 2.3 V to 5.5 V input range. Typically, a
minimum 500 mV headroom is required to achieve the best PSRR
performance above the maximum output voltage (VOUT_MAX) at
2 A. For example, the ADP7159-04 requires a minimum 3.8 V
input voltage to achieve the best PSRR performance for a 3.3 V
output at 2 A.
Table 9. Model Selection Guide for PSRR
Model
VOUT_MAX (V)
PSRR (dB) at 2 A; VIN = VOUT_MAX + 0.5 V
PSRR (dB) at 1.2 A; VIN = VOUT_MAX + 0.5 V
10 kHz
100 kHz
1 MHz
10 kHz
100 kHz
1 MHz
ADP7159-01
1.8
55
55
40
70
78
52
ADP7159-02
2.3
61
55
45
72
70
53
ADP7159-03
2.9
65
65
45
75
78
55
ADP7159-04
3.3
68
70
45
82
72
55
Table 10. Model Selection Guide for Input Voltage
Model
AdjustableVOUT Range (V)
VOUT Range (V) for Optimized PSRR
VREG(V)
VINRange (V)
ADP7159-01
1.2 to 1.8
1.2 to 1.8
2.1
2.3 to 5.5
ADP7159-02
1.2 to 2.3
1.8 to 2.3
2.6
2.8 to 5.5
ADP7159-03
1.2 to 2.9
2.3 to 2.9
3.2
3.4 to 5.5
ADP7159-04
1.2 to 3.3
2.9 to 3.3
3.6
3.8 to 5.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com