Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1707ARDZ-3.3-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP1707ARDZ-3.3-R7
Description  1 A, Low Dropout, CMOS Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1707ARDZ-3.3-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP1707ARDZ-3.3-R7 Datasheet HTML 4Page - Analog Devices ADP1707ARDZ-3.3-R7 Datasheet HTML 5Page - Analog Devices ADP1707ARDZ-3.3-R7 Datasheet HTML 6Page - Analog Devices ADP1707ARDZ-3.3-R7 Datasheet HTML 7Page - Analog Devices ADP1707ARDZ-3.3-R7 Datasheet HTML 8Page - Analog Devices ADP1707ARDZ-3.3-R7 Datasheet HTML 9Page - Analog Devices ADP1707ARDZ-3.3-R7 Datasheet HTML 10Page - Analog Devices ADP1707ARDZ-3.3-R7 Datasheet HTML 11Page - Analog Devices ADP1707ARDZ-3.3-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Data Sheet
ADP1706/ADP1707/ADP1708
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
analog.com
Rev. B | 8 of 19
Figure 8. 8-Lead SOIC, ADP1708
Figure 9. 8-Lead LFCSP, ADP1708
Table 6. ADP1708 Pin Function Descriptions
Pin No.
Mnemonic
Description
SOIC
LFCSP
1
1
EN
Enable Input. Drive EN high to turn on the regulator; drive it low to turn off the regulator. For automatic startup, connect EN to IN.
2
2
GND
Ground.
3, 4
3, 4
IN
Regulator Input Supply. Bypass IN to GND with a 4.7 µF or greater capacitor.
5, 6
5, 6
OUT
Regulated Output Voltage. Bypass OUT to GND with a 4.7 µF or greater capacitor.
7
7
SENSE
Sense. Measures the actual output voltage at the load and feeds it to the error amplifier. Connect SENSE as close as possible to the
load to minimize the effect of IR drop between the regulator output and the load.
8
8
ADJ
Adjust. A resistor divider from OUT to ADJ sets the output voltage.
0
0
EP
Exposed Pad. The exposed pad enhances thermal performance and is electrically connected to GND inside the package. It is
recommended to connect the exposed pad to the ground plane on the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com