Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1707ARDZ-3.3-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP1707ARDZ-3.3-R7
Description  1 A, Low Dropout, CMOS Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1707ARDZ-3.3-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP1707ARDZ-3.3-R7 Datasheet HTML 8Page - Analog Devices ADP1707ARDZ-3.3-R7 Datasheet HTML 9Page - Analog Devices ADP1707ARDZ-3.3-R7 Datasheet HTML 10Page - Analog Devices ADP1707ARDZ-3.3-R7 Datasheet HTML 11Page - Analog Devices ADP1707ARDZ-3.3-R7 Datasheet HTML 12Page - Analog Devices ADP1707ARDZ-3.3-R7 Datasheet HTML 13Page - Analog Devices ADP1707ARDZ-3.3-R7 Datasheet HTML 14Page - Analog Devices ADP1707ARDZ-3.3-R7 Datasheet HTML 15Page - Analog Devices ADP1707ARDZ-3.3-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Data Sheet
ADP1706/ADP1707/ADP1708
THEORY OF OPERATION
analog.com
Rev. B | 12 of 19
The ADP1706/ADP1707/ADP1708 are low dropout linear regulators
that use an advanced, proprietary architecture to provide high
power supply rejection ratio (PSRR) and excellent line and load
transient response with a small 4.7 µF ceramic output capacitor. All
devices operate from a 2.5 V to 5.5 V input rail and provide up to
1 A of output current. Supply current in shutdown mode is typically
100 nA.
Figure 27. Internal Block Diagram
Internally, the ADP1706/ADP1707/ADP1708 consist of a reference,
an error amplifier, a feedback voltage divider, and a PMOS pass
transistor. Output current is delivered via the PMOS pass device,
which is controlled by the error amplifier. The error amplifier com-
pares the reference voltage with the feedback voltage from the
output and amplifies the difference. If the feedback voltage is
lower than the reference voltage, the gate of the PMOS device
is pulled lower, allowing more current to pass and increasing the
output voltage. If the feedback voltage is higher than the reference
voltage, the gate of the PMOS device is pulled higher, allowing less
current to pass and decreasing the output voltage.
The ADP1706/ADP1707 are available in 16 fixed output voltage
options between 0.75 V and 3.3 V. The ADP1706 allows for
connection of an external soft start capacitor, which controls the
output voltage ramp during startup. The ADP1707 features a TRK
pin that allows the output voltage to follow the voltage at this pin.
The ADP1708 is available in an adjustable version with an output
voltage that can be set to between 0.8 V and 5.0 V by an external
voltage divider. All devices are controlled by an enable pin (EN).
SOFT START FUNCTION (ADP1706)
For applications that require a controlled startup, the ADP1706
provides a programmable soft start function. The programmable
soft start is useful for reducing inrush current upon startup and for
providing voltage sequencing. To implement a soft start, connect a
small ceramic capacitor from SS to GND. Upon startup, a 1.2 µA
current source charges this capacitor. The ADP1706 start-up output
voltage is limited by the voltage at SS, providing a smooth ramp-up
to the nominal output voltage. The soft start time is calculated by
TSS = VREF × (CSS/ISS)
(1)
where:
TSS is the soft start period.
VREF is the 0.8 V reference voltage.
CSS is the soft start capacitance from SS to GND.
ISS is the current sourced from SS (1.2 µA).
When the ADP1706 is disabled (using EN), the soft start capacitor
is discharged to GND through an internal 100 Ω resistor.
Figure 28. OUT Ramp-Up with External Soft Start Capacitor
The ADP1707 and ADP1708 have no pins for soft start; therefore,
the function is switched to an internal soft start capacitor, which sets
the soft start ramp-up period to approximately 48 µs. Note that the
ramp-up period is the time it takes OUT to go from 0% to 90% of
the nominal value and is different from the start-up time in Table
1, which is the time between the rising edge of EN to OUT being
at 90% of the nominal value. For the worst-case output voltage
of 5 V, using the suggested 4.7 µF output capacitor, the resulting
input inrush current is approximately 490 mA, which is less than the
maximum 1 A load current.
Figure 29. OUT Ramp-Up with Internal Soft Start
ADJUSTABLE OUTPUT VOLTAGE (ADP1708)
The ADP1708 can have its output voltage set over a 0.8 V to 5.0 V
range. The output voltage is set by connecting a resistive voltage
divider from OUT to ADJ. The output voltage is calculated by
VOUT = 0.8 V (1 + R1/R2)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com