Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1708ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1708ACPZ-R7
Description  1 A, Low Dropout, CMOS Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1708ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP1708ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP1708ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP1708ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP1708ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP1708ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP1708ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP1708ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1708ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1708ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Data Sheet
ADP1706/ADP1707/ADP1708
1 A, Low Dropout, CMOS Linear Regulator
Rev. B
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Maximum output current: 1 A
►
Input voltage range: 2.5 V to 5.5 V
►
Low shutdown current: <1 µA
►
Low dropout voltage: 345 mV at 1 A load
►
Initial accuracy: ±1%
►
Accuracy over line, load, and temperature: ±2.5%
►
16 fixed output voltage options with soft start
►
0.75 V to 3.3 V (ADP1706)
►
16 fixed output voltage options with tracking
►
0.75 V to 3.3 V (ADP1707)
►
Adjustable output voltage option
►
0.8 V to 5.0 V (ADP1708)
►
Stable with small 4.7 µF ceramic output capacitor
►
Excellent load/line transient response
►
Current limit and thermal overload protection
►
Logic-controlled enable
►
Available in an 8-lead, exposed paddle SOIC and a 3 mm × 3
mm, 8-lead exposed paddle LFCSP
APPLICATIONS
►
Notebook computers
►
Memory components
►
Telecommunications equipment
►
Network equipment
►
DSP/FPGA/microprocessor supplies
►
Instrumentation equipment/data acquisition systems
TYPICAL APPLICATION CIRCUITS
Figure 1. ADP1706 with Fixed Output Voltage, 3.3 V
Figure 2. ADP1707 with Output Voltage Tracking
Figure 3. ADP1708 with Adjustable Output Voltage, 0.8 V to 5.0 V
GENERAL DESCRIPTION
The ADP1706/ADP1707/ADP1708 are CMOS, low dropout linear
regulators that operate from 2.5 V to 5.5 V and provide up to 1 A
of output current. Using a proprietary architecture, they provide high
power supply rejection and achieve excellent line and load transient
response with a small 4.7 µF ceramic output capacitor.
The ADP1706/ADP1707 are available in 16 fixed output voltage
options. The ADP1708 is available in an adjustable version, which
allows output voltages that range from 0.8 V to 5.0 V via an external
divider. The ADP1706 allows an external soft start capacitor to
be connected to program the start-up time; the ADP1707 and
ADP1708 contain internal soft start capacitors that give a typical
start-up time of 100 µs. The ADP1707 includes a tracking feature
that allows the output to follow an external voltage rail or reference.
The ADP1706/ADP1707/ADP1708 are available in an 8-lead, ex-
posed paddle SOIC package and an 8-lead, 3 mm × 3 mm exposed
paddle LFCSP, making them not only very compact solutions
but also providing excellent thermal performance for applications
requiring up to 1 A of output current in a small, low profile footprint.


Similar Part No. - ADP1708ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1708ACPZ-R7 AD-ADP1708ACPZ-R7 Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
REV. 0
More results

Similar Description - ADP1708ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP565 ONSEMI-NCP565 Datasheet
111Kb / 12P
1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
logo
Analog Devices
ADP1740 AD-ADP1740 Datasheet
165Kb / 6P
2 A, Low Dropout, CMOS Linear Regulator
Rev. PrA
logo
SeCoS Halbleitertechnol...
SJ1212 SECOS-SJ1212 Datasheet
396Kb / 3P
1 A Low Dropout Positive Low Dropout Linear Regulator
logo
ON Semiconductor
NCP565 ONSEMI-NCP565_10 Datasheet
180Kb / 17P
1.5 A Low Dropout Linear Regulator
November, 2010 ??Rev. 15
logo
Analog Devices
ADP1706 AD-ADP1706 Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1706ARDZ-0.75R7 AD-ADP1706ARDZ-0.75R7 Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1707ACPZ-1.8-R7 AD-ADP1707ACPZ-1.8-R7 Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1708ARDZ AD-ADP1708ARDZ Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
Rev. 0
ADP1708ARDZ-R7 AD-ADP1708ARDZ-R7 Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Texas Instruments
LP38690-ADJ TI1-LP38690-ADJ_16 Datasheet
1Mb / 27P
1-A Low Dropout CMOS Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com