Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1708ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP1708ACPZ-R7
Description  1 A, Low Dropout, CMOS Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1708ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP1708ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP1708ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP1708ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP1708ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP1708ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1708ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1708ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1708ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP1708ACPZ-R7 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Data Sheet
ADP1706/ADP1707/ADP1708
APPLICATIONS INFORMATION
analog.com
Rev. B | 15 of 19
Consider the case where a hard short from OUT to ground occurs.
At first, the ADP1706/ADP1707/ADP1708 reach current limit so
that only 1.5 A is conducted into the short. If self-heating of the
junction becomes great enough to cause its temperature to rise
above 150°C, thermal shutdown activates, turning off the output
and reducing the output current to zero. As the junction temperature
cools and drops below 135°C, the output turns on and conducts
1.5 A into the short, again causing the junction temperature to rise
above 150°C. This thermal oscillation between 135°C and 150°C
causes a current oscillation between 1.5 A and 0 A that continues
as long as the short remains at the output.
Current and thermal limit protections are intended to protect the de-
vice against accidental overload conditions. For reliable operation,
device power dissipation should be externally limited so junction
temperatures do not exceed 125°C.
THERMAL CONSIDERATIONS
To guarantee reliable operation, the junction temperature of the
ADP1706/ADP1707/ADP1708 must not exceed 125°C. To ensure
that the junction temperature stays below this maximum value,
the user needs to be aware of the parameters that contribute to
junction temperature changes. These parameters include ambient
temperature, power dissipation in the power device, and thermal
resistance between the junction and ambient air (θJA). The θJA
value is dependent on the package assembly compounds used and
the amount of copper to which the GND pins of the package are
soldered on the PCB. Table 7 shows typical θJA values of the 8-lead
SOIC and 8-lead LFCSP for various PCB copper sizes.
Table 7. Typical θJA Values
Copper Size (mm2)
θJA (°C/W), SOIC
θJA (°C/W), LFCSP
01
57.6
65.9
50
53.1
62.3
100
52.3
61.2
300
51.3
59.7
500
51.3
59.4
1 Device soldered to minimum size pin traces.
The junction temperature of the ADP1706/ADP1707/ADP1708 can
be calculated by
TJ = TA + (PD × θJA)
(3)
where:
TA is the ambient temperature.
PD is the power dissipation in the die, given by
PD = ((VIN – VOUT) × ILOAD) + (VIN × IGND)
(4)
where:
ILOAD is the load current.
IGND is the ground current.
VIN and VOUT are the input and output voltages, respectively.
Power dissipation due to ground current is quite small and can be
ignored. Therefore, the junction temperature equation simplifies to
the following:
TJ = TA + (((VIN – VOUT) × ILOAD) × θJA)
(5)
As shown in Equation 5, for a given ambient temperature, input-to-
output voltage differential, and continuous load current, a minimum
copper size requirement exists for the PCB to ensure the junction
temperature does not rise above 125°C. Figure 36 to Figure 41
show junction temperature calculations for different ambient tem-
peratures, load currents, VIN to VOUT differentials, and areas of PCB
copper.
Figure 36. 500 mm2 of PCB Copper, TA = 25°C, SOIC
Figure 37. 100 mm2 of PCB Copper, TA = 25°C, SOIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com