Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD2931 Datasheet(PDF) 2 Page - STMicroelectronics

Part # SD2931
Description  RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2931 Datasheet(HTML) 2 Page - STMicroelectronics

  SD2931 Datasheet HTML 1Page - STMicroelectronics SD2931 Datasheet HTML 2Page - STMicroelectronics SD2931 Datasheet HTML 3Page - STMicroelectronics SD2931 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL SPECIFICATION (Tcase = 25
oC)
STATIC
Symbol
Parameter
Min.
Typ.
Max.
Unit
V(BR)DSS
VGS = 0V
IDS = 100 mA
125
V
IDSS
VGS = 0V
VDS = 50 V
5
mA
IGSS
VGS = 20V
VDS = 0 V
5
µA
VGS(Q)
VDS = 10V
ID = 250 mA
2
5
V
VDS(ON)
VGS = 10V
ID = 10 A
2.7
3
V
GFS
VDS = 10V
ID = 5 A
5
mho
CISS
VGS = 0V
VDS = 50 V
f = 1 MHz
480
pF
COSS
VGS = 0V
VDS = 50 V
f = 1 MHz
180
pF
CRSS
VGS = 0V
VDS = 50 V
f = 1 MHz
15
pF
DYNAMIC
Symbol
Parameter
Min.
Typ.
Max.
Unit
POUT
f = 175 MHz
VDD = 50 V
IDQ = 250 mA
150
W
GPS
f = 175 MHz
VDD = 50 V
Pout = 150 W
IDQ = 250 mA
14
15
dB
ηD
f = 175 MHz
VDD = 50 V
Pout = 150 W
IDQ = 250 mA
55
65
%
Load
Mismatch
f = 175 MHz
VDD = 50 V
Pout = 150 W
IDQ = 250 mA
All Phase Angles
10:1
VSWR
IMPEDANCE DATA
FREQ.
ZIN (
Ω)ZDL (Ω)
30 MHz
1.7 - j 5.7
6.8 + j 0.9
175 MHz
1.2 - j 2.0
2.0 + j 2.4
SD2931
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com