Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD2931 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SD2931
Description  RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2931 Datasheet(HTML) 3 Page - STMicroelectronics

  SD2931 Datasheet HTML 1Page - STMicroelectronics SD2931 Datasheet HTML 2Page - STMicroelectronics SD2931 Datasheet HTML 3Page - STMicroelectronics SD2931 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
5.56
5.84
0.219
0.230
B
3.18
0.125
C
6.22
6.48
0.245
0.255
D
18.28
18.54
0.720
0.730
E
3.18
0.125
F
24.64
24.89
0.970
0.980
G
12.57
12.83
0.495
0.505
H
0.08
0.18
0.003
0.007
I
2.11
3.00
0.083
0.118
J
3.81
4.45
0.150
0.175
K
7.11
0.280
L
25.53
26.67
1.005
1.050
M
3.05
3.30
0.120
0.130
1011000D
M174 (.500 DIA 4L N/HERM W/FLG) MECHANICAL DATA
Controlling Dimension in Inches
SD2931
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com