Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVR-M2012 Datasheet(PDF) 7 Page - TDK Electronics

Part # AVR-M2012
Description  Chip varistors Voltage Protection Devices
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

AVR-M2012 Datasheet(HTML) 7 Page - TDK Electronics

Back Button AVR-M2012 Datasheet HTML 3Page - TDK Electronics AVR-M2012 Datasheet HTML 4Page - TDK Electronics AVR-M2012 Datasheet HTML 5Page - TDK Electronics AVR-M2012 Datasheet HTML 6Page - TDK Electronics AVR-M2012 Datasheet HTML 7Page - TDK Electronics AVR-M2012 Datasheet HTML 8Page - TDK Electronics AVR-M2012 Datasheet HTML 9Page - TDK Electronics AVR-M2012 Datasheet HTML 10Page - TDK Electronics AVR-M2012 Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
(7/14)
20231012 / vpd_automotive_varistors_avr_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
Voltage Protection Devices
Chip varistors
Automotive grade
DISCHARGE VOLTAGE WAVEFORM (EXAMPLE)
WITHOUT VARISTOR, WAVEFORM AT VARISTOR INSTALLATION
WAVEFORM AT VARISTOR INSTALLATION
Test conditions
150pF/330
 (IEC61000-4-2)
Contact discharge, Charged voltage 8kV
TEST CIRCUIT DIAGRAM
AVR series Electrostatic absorption characteristics
Product compatible with RoHS directive
Compatible with lead-free solders
AEC-Q200
–50
0
50
100
150
200
250
300
Time(ns)
1600
1200
1000
800
400
600
200
–200
1800
1400
0
Without Varistor
AVRH10C270KT150NA8
AVR-M1608C270KT6AB
AVR-M1608C220KT6AB
–50
0
50
100
150
200
250
300
Time(ns)
160
120
100
80
40
60
20
–20
180
140
0
AVRH10C270KT150NA8
AVR-M1608C270KT6AB
AVR-M1608C220KT6AB
50
Ω
Discharge gun
ESD
simulator
Test
sample
Oscilloscope
60dB attenuator
I/O impedance: 50
Ω
ESD Simulator
Discharge
Point
Chip
Varistor
PCB
SMA
Connector
Coaxial
Cable
Attenuator(60dB)
50
Ω
Oscilloscope
50
Ω
Shield



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com