Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVR-M2012 Datasheet(PDF) 8 Page - TDK Electronics

Part # AVR-M2012
Description  Chip varistors Voltage Protection Devices
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

AVR-M2012 Datasheet(HTML) 8 Page - TDK Electronics

Back Button AVR-M2012 Datasheet HTML 4Page - TDK Electronics AVR-M2012 Datasheet HTML 5Page - TDK Electronics AVR-M2012 Datasheet HTML 6Page - TDK Electronics AVR-M2012 Datasheet HTML 7Page - TDK Electronics AVR-M2012 Datasheet HTML 8Page - TDK Electronics AVR-M2012 Datasheet HTML 9Page - TDK Electronics AVR-M2012 Datasheet HTML 10Page - TDK Electronics AVR-M2012 Datasheet HTML 11Page - TDK Electronics AVR-M2012 Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
(8/14)
20231012 / vpd_automotive_varistors_avr_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
Voltage Protection Devices
Chip varistors
Automotive grade
APPLIED VOLTAGE STEP(VOLTAGE 10TIMES APPLIED)
REPEATED VOLTAGE APPLICATION(
∼1000 times )
AVRH10C270KT150NA8 (Voltage % change at reference current: within ±10%)
AVR-M1608C270MTAAB (Voltage % change at reference current: within ±10%)
AVR-M2012C390KT6AB (Voltage % change at reference current: within ±10%)
AVRL101D3R3FTA(Capacitance: 5pF or less)
* ESD condition: 150pF/330
(IEC61000-4-2)
AVR series Electrostatic discharge tests
Product compatible with RoHS directive
Compatible with lead-free solders
AEC-Q200
Initial±8
±10
±15
±20
±25
–5
–10
–15
20
10
15
5
0
–20
Applied voltage (kV)
–5
–10
–15
20
10
15
5
0
–20
Initial
1
10
100
300
500
1000
+25kV/-25kV
Number of discharge (time)
–5
–10
–15
20
10
15
5
0
–20
Initial±8
±10
±15
±20
±25
Applied voltage (kV)
–5
–10
–15
20
10
15
5
0
–20
Initial
1
10
100
300
500
1000
+25kV/-25kV
Number of discharge (time)
–5
–10
–15
20
10
15
5
0
–20
Initial±8
±10
±15
±20
±25
Applied voltage (kV)
–5
–10
–15
20
10
15
5
0
–20
Initial
1
10
100
300
500
1000
+25kV/-25kV
Number of discharge (time)
2.5
5
4
4.5
3.5
3
2
Initial
±4±6±8
±10
±15
Applied voltage (kV)
Initial
1
10
100
300
500
1000
2.5
5
4
4.5
3.5
3
2
Number of discharge (time)
+8kV/-8kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com