Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCL3520FT-R47M-D Datasheet(PDF) 3 Page - TDK Electronics

Part # BCL3520FT-R47M-D
Description  nullInductors for power circuits
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

BCL3520FT-R47M-D Datasheet(HTML) 3 Page - TDK Electronics

  BCL3520FT-R47M-D Datasheet HTML 1Page - TDK Electronics BCL3520FT-R47M-D Datasheet HTML 2Page - TDK Electronics BCL3520FT-R47M-D Datasheet HTML 3Page - TDK Electronics BCL3520FT-R47M-D Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
(3/4)
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20250521
I N D U C T O R S
inductor_automotive_power_bcl3520ft-d_en
BCL3520FT-D type
■SHAPE & DIMENSIONS
■RECOMMENDED LAND PATTERN
■RECOMMENDED REFLOW PROFILE
■PACKAGING STYLE
□REEL DIMENSIONS
□TAPE DIMENSIONS
□PACKAGE QUANTITY
■TEMPERATURE RANGE, INDIVIDUAL WEIGHT
* Operating temperature range includes self-heating.
(0.9)
(1.5)
(0.9)
3
.3±0.2
1.5
3.7
Natural
cooling
5s max.
60 to 120s
Preheating
10 to 30s
Soldering
230°C
230°C
245°C
180°C
150°C
Time
Peak
Type
A
B
K
BCL3520FT-D
(3.8)
(3.6)
2.15±0.1
Package quantity
750 pcs/reel
Operating
temperature range *
Storage
temperature range
Individual
weight
-55 to +155 °C
-55 to +155 °C
0.135 g
ø13.0±0.5
ø21.0±0.8
2.0±0.5
ø180
1.0
0.5
13
9
K
4±0.1
2±0.1
8±0.1
A
1.5
+0.1
–0
Sprocket
hole
Cavity
0.30±0.1
Dimensions in mm
Dimensions in mm
Dimensions in mm
Dimensions in mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com