Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCL3520FT-R47M-D Datasheet(PDF) 1 Page - TDK Electronics

Part # BCL3520FT-R47M-D
Description  nullInductors for power circuits
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

BCL3520FT-R47M-D Datasheet(HTML) 1 Page - TDK Electronics

  BCL3520FT-R47M-D Datasheet HTML 1Page - TDK Electronics BCL3520FT-R47M-D Datasheet HTML 2Page - TDK Electronics BCL3520FT-R47M-D Datasheet HTML 3Page - TDK Electronics BCL3520FT-R47M-D Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
(1/4)
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20250521
I N D U C T O R S
inductor_automotive_power_bcl3520ft-d_en
Inductors for power circuits
Wound metal
BCL series (for automotive)
BCL3520FT-D type
■FEATURES
⃝Due to the properties of metallic materials, they are more able to handle larger currents than ferrite materials.
⃝The use of high-μ materials has made it possible to achieve low Rdc in metal products.
⃝The coil is fully encapsulated with a magnetic material to minimize leakage flux.
⃝Supports rated voltage of 40V.
⃝Operating temperature range: -55 to +155°C(including self-heating)
⃝Compliant with AEC-Q200
■APPLICATION
⃝Automotive-related equipment (LED, ECM, ADAS, BCM etc.)
■PART NUMBER CONSTRUCTION
■CHARACTERISTICS SPECIFICATION TABLE
* Rated current: smaller value of either Isat or Itemp.
Isat: When based on the inductance change rate (30% below the nominal value)
Itemp: When based on the temperature increase (temperature increase of 40°C by self heating)
Measurement equipment
* Equivalent measurement equipment may be used.
BCL
3520
FT
-
R47
M
-
D
Series
name
LxWxH dimensions
3.3x3.5x2.0 mm
Internal
code
Inductance
(
μH)
Inductance
tolerance
Internal
code
L
Measuring
frequency
DC resistance
Rated current*
Rated voltage
Part No.
Isat
Itemp
(
μH) Tolerance
(MHz)
(m
Ω)max.
(m
Ω)typ.
(A)max.
(A)typ.
(A)typ.
(V)max.
0.47
±20%
1
6.0
5.0
8.0
10.0
11.6
40
BCL3520FT- R47M-D
Measurement item
Product No. *
Manufacturer
L
E4990A
Keysight Technologies
DC resistance
AX-114N
ADEX


Similar Part No. - BCL3520FT-R47M-D

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
BCL322515RT-100M-D TDK-BCL322515RT-100M-D Datasheet
286Kb / 4P
SMD / SMT Inductors (Coils)
logo
Panasonic Semiconductor
BCL322515RT-100M-D PANASONIC-BCL322515RT-100M-D Datasheet
179Kb / 4P
Inductors for power circuits Wound metal BCL series (for automotive)
20211117
logo
TDK Electronics
BCL322515RT-150M-D TDK-BCL322515RT-150M-D Datasheet
285Kb / 4P
SMD / SMT Inductors (Coils)
logo
Panasonic Semiconductor
BCL322515RT-150M-D PANASONIC-BCL322515RT-150M-D Datasheet
179Kb / 4P
Inductors for power circuits Wound metal BCL series (for automotive)
20211117
logo
TDK Electronics
BCL322515RT-220M-D TDK-BCL322515RT-220M-D Datasheet
290Kb / 4P
SMD / SMT Inductors (Coils)
More results

Similar Description - BCL3520FT-R47M-D

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CLF7045 TDK-CLF7045 Datasheet
132Kb / 5P
Inductors for Power Circuits
VLCF4028T-471MR14-2 TDK-VLCF4028T-471MR14-2 Datasheet
158Kb / 10P
Inductors for Power Circuits
CLF7045T-3R3N TDK-CLF7045T-3R3N Datasheet
1Mb / 13P
Inductors for Power Circuits
SLF7032T-101MR45-2-PF TDK-SLF7032T-101MR45-2-PF Datasheet
7Mb / 49P
Inductors for Power Circuits
CLF7045T-6R8N TDK-CLF7045T-6R8N Datasheet
179Kb / 13P
Inductors for Power Circuits
VLP8040T-101M TDK-VLP8040T-101M Datasheet
169Kb / 13P
Inductors for Power Circuits
SPM3015-LR TDK-SPM3015-LR Datasheet
116Kb / 9P
Inductors for Power Circuits
SPM5020-LR TDK-SPM5020-LR Datasheet
127Kb / 9P
Inductors for Power Circuits
SPM3012-LR TDK-SPM3012-LR Datasheet
130Kb / 9P
Inductors for Power Circuits
SPM5020T-4R7M-LR TDK-SPM5020T-4R7M-LR Datasheet
127Kb / 9P
Inductors for Power Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com