Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCSC241D4 Datasheet(PDF) 3 Page - TDK Electronics

Part # BCSC241D4
Description  Film solar cell Amorphous silicon type Low illumination solar cell
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

BCSC241D4 Datasheet(HTML) 3 Page - TDK Electronics

  BCSC241D4 Datasheet HTML 1Page - TDK Electronics BCSC241D4 Datasheet HTML 2Page - TDK Electronics BCSC241D4 Datasheet HTML 3Page - TDK Electronics BCSC241D4 Datasheet HTML 4Page - TDK Electronics BCSC241D4 Datasheet HTML 5Page - TDK Electronics BCSC241D4 Datasheet HTML 6Page - TDK Electronics BCSC241D4 Datasheet HTML 7Page - TDK Electronics BCSC241D4 Datasheet HTML 8Page - TDK Electronics BCSC241D4 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
SOLAR CELL
(3/17)
20240527 / film-solarcell_bcs_en.fm
BCS4430B6
CHARACTERISTICS SPECIFICATION TABLE
• Standard output with initial value at 25°C. It is not guaranteed.
• The product thickness shows the typical value.
• The operating temperature range is -20 to +60°C. The characteristics vary depending on the operating temperature.
• Continuous light irradiation causes a decrease in output over time, called light deterioration, which is called light deterioration.
• Spring probes, heat seals and conductive adhesives are recommended for circuit connections.
• Please contact our sales department, our distributors, or our website if you would like to consider using the product for mass production or request a custom design.
IV CHARACTERISTICS
200Lx, 500Lx
Initial value at 25°C
3000Lx, 5000Lx
Initial value at 25°C
50000Lx
Initial value at 25°C
Note) It is not in the reference value of a guaranteed value.
The operating voltages and operating currents in the table are examples. It is different from the maximum output point.
Product
size
Thickness
(Electrode part)
Thickness
(Other)
Individual
weight
Number of
series cells
Output at illuminance 200Lx
(Standard value)
Operating
current
Operating
voltage
Open circuit
voltage
44×30mm
0.18mm
0.15mm
0.20g
6 cells
30µA
2.6V
4.2V
Illuminance
(Lx)
Open circuit
voltage
(V)
Operating current
(µA)
〔Vop2.6V〕
200
4.2
30
500
4.4
80
12
3
45
0
0
Voltage (V)
500Lx
200Lx
10
20
30
40
50
60
70
80
90
100
Illuminance
(Lx)
Open circuit
voltage
(V)
Operating current
(µA)
〔Vop2.6V〕
3000
5.0
500
5000
5.1
640
0
0
Voltage (V)
5000Lx
3000Lx
200
400
600
800
1000
1200
12
3
456
Illuminance
(Lx)
Open circuit
voltage
(V)
Operating current
(µA)
〔Vop2.6V〕
50000
5.3
1,050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com