Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCSC241D4 Datasheet(PDF) 1 Page - TDK Electronics

Part # BCSC241D4
Description  Film solar cell Amorphous silicon type Low illumination solar cell
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

BCSC241D4 Datasheet(HTML) 1 Page - TDK Electronics

  BCSC241D4 Datasheet HTML 1Page - TDK Electronics BCSC241D4 Datasheet HTML 2Page - TDK Electronics BCSC241D4 Datasheet HTML 3Page - TDK Electronics BCSC241D4 Datasheet HTML 4Page - TDK Electronics BCSC241D4 Datasheet HTML 5Page - TDK Electronics BCSC241D4 Datasheet HTML 6Page - TDK Electronics BCSC241D4 Datasheet HTML 7Page - TDK Electronics BCSC241D4 Datasheet HTML 8Page - TDK Electronics BCSC241D4 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
SOLAR CELL
(1/17)
20240527 / film-solarcell_bcs_en.fm
Film solar cell
Amorphous silicon type
Low illumination solar cell
BCS series
FEATURE
Thin, lightweight, and flexible solar cells adopting a film substrate.
[Approx. 0.1g (depending on size)/0.2 mm or less]
It has high power generation efficiency under fluorescent lamps and LED light sources,
and is suitable as a power source for products used indoors.
There is output stability in low light and dim light.
Can be custom-designed according to various shapes and applications.
APPLICATION
Clock
Wearable device
Beacon
Wireless sensor node / various sensors / IoT terminal power
supply
Smart card
Smart lock
Energy harvesting (environmental) power generation element
Charging and powering other electronic devices
ADVANTAGES OF SOLAR CELLS
It reduces the cost of battery replacement and eliminates the
hassle.
Reduce the cost of electrical wiring.
Extends the life of the primary battery. (When combining
primary batteries)
Extend the usage time of rechargeable devices.
There is no equipment damage or environmental pollution due
to liquid leakage.
It contributes to improving the image of products by using
clean energy.
PART NUMBER CONSTRUCTION
PACKAGING STYLE
Packed in antistatic bag
REACH
SVHC-Free
RoHS
BCS
4430
B
6
Series name
For 4-digit numbers
Shape type
Number of cells connected in
series
(L×W dimensions)
4430
44×30mm
B
Quadrangle
1
1-cell series connection
4630
46×30mm
D
Circular
2
2-cell series connection
2717
27×17mm
3
3-cell series connection
1714
17×14mm
4
4-cell series connection
6040
60×40mm
5
5-cell series connection
6
6-cell series connection
When the alphabet is included
(Product unique number)
7
7-cell series connection
9
9-cell series connection
C241
C451
C452
C491
C421


Similar Part No. - BCSC241D4

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
BCS XPPOWER-BCS Datasheet
666Kb / 4P
DC Standby System
logo
Samtec, Inc
BCS-108-L-D-HE SAMTEC-BCS-108-L-D-HE Datasheet
861Kb / 1P
TIGER CLAW PASS-THROUGH SOCKET
BCS-110-L-S-DE SAMTEC-BCS-110-L-S-DE Datasheet
861Kb / 1P
TIGER CLAW PASS-THROUGH SOCKET
BCS-110-L-S-HE SAMTEC-BCS-110-L-S-HE Datasheet
861Kb / 1P
TIGER CLAW PASS-THROUGH SOCKET
BCS-112-L-D-PE SAMTEC-BCS-112-L-D-PE Datasheet
861Kb / 1P
TIGER CLAW PASS-THROUGH SOCKET
More results

Similar Description - BCSC241D4

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
AM-5812 SANYO-AM-5812 Datasheet
44Kb / 2P
Amorphous Solar Cell
AM-2709 SANYO-AM-2709 Datasheet
46Kb / 2P
Amorphous Solar Cell
B283 SANYO-B283 Datasheet
47Kb / 2P
Amorphous Solar Cell
AM-1819 SANYO-AM-1819 Datasheet
49Kb / 2P
Amorphous Solar Cell
AM-5812 SANYO-AM-5812_08 Datasheet
41Kb / 2P
Amorphous Solar Cell
AM-5813 SANYO-AM-5813 Datasheet
40Kb / 2P
Amorphous Solar Cell
AM-8702 SANYO-AM-8702 Datasheet
40Kb / 2P
Amorphous Solar Cell
AM-8704 SANYO-AM-8704 Datasheet
40Kb / 2P
Amorphous Solar Cell
AM-8706 SANYO-AM-8706 Datasheet
40Kb / 2P
Amorphous Solar Cell
AM-8801 SANYO-AM-8801 Datasheet
41Kb / 2P
Amorphous Solar Cell
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com