Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD2933 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SD2933
Description  RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2933 Datasheet(HTML) 3 Page - STMicroelectronics

  SD2933 Datasheet HTML 1Page - STMicroelectronics SD2933 Datasheet HTML 2Page - STMicroelectronics SD2933 Datasheet HTML 3Page - STMicroelectronics SD2933 Datasheet HTML 4Page - STMicroelectronics SD2933 Datasheet HTML 5Page - STMicroelectronics SD2933 Datasheet HTML 6Page - STMicroelectronics SD2933 Datasheet HTML 7Page - STMicroelectronics SD2933 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/8
SD2933
-25
0
25
50
75
100
Tc, CASE TEMPERATURE (ºC)
0.8
0.85
0.9
0.95
1
1.05
1. 1
1.15
Vdd= 10 V
Id=.1 A
Id=.25A
Id=1 A
Id= 2 A
Id= 3 A
Id= 5 A
Id= 4 A
Id= 7 A
Id=10 A
Id=12 A
Id=15 A
Maximum Thermal Resistance vs. Case Temperature
25
35
45
55
65
75
85
Tc, CASE TEMPERATURE (
°C)
0.26
0.27
0.28
0.29
0.3
0.31
0.32
0.33
Capacitance vs. Drain-Source Voltage
0
1020304050
Vds, DRAIN-SOURCE VOLTAGE (V)
10
100
1000
10000
f= 1MHz
Crss
Coss
Ciss
Drain Current vs. Gate Voltage
1
1.5
2
2.5
3
3.5
4
Vgs, GATE-SOURCE VOLTAGE (V)
0
5
10
15
Tc=-20
°C
Tc=+25
°C
Tc=+80
°C
Vdd= 10V
TYPICAL PERFORMANCE
Gate-Source Voltages vs. Case Temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com