Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD2933 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SD2933
Description  RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2933 Datasheet(HTML) 4 Page - STMicroelectronics

  SD2933 Datasheet HTML 1Page - STMicroelectronics SD2933 Datasheet HTML 2Page - STMicroelectronics SD2933 Datasheet HTML 3Page - STMicroelectronics SD2933 Datasheet HTML 4Page - STMicroelectronics SD2933 Datasheet HTML 5Page - STMicroelectronics SD2933 Datasheet HTML 6Page - STMicroelectronics SD2933 Datasheet HTML 7Page - STMicroelectronics SD2933 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SD2933
4/8
00.5
11.522.5
3
Pin, INPUT POWER (W)
0
100
200
300
400
500
F=30MHz
Vdd=50V
Idq=250mA
Tc = +250C
Tc= -200C
Tc = +800C
0
100
200
300
400
Pout, OUTPUT POWER (W)
16
18
20
22
24
26
F= 30 MHz
Vdd= 50 V
Idq= 250 mA
Drain Efficiency vs. Output Power
0
100
200
300
400
Pout, OUTPU T POWER (W)
20
30
40
50
60
70
80
F= 30 MHz
Vdd= 50 V
Idq= 250 mA
Output Power vs. Input Power
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
Pin, INPUT POWER ( W )
0
100
200
300
400
F= 30 MHz
Idq= 250 mA
Vdd = 50V
Vdd = 40V
Output Power vs. Input Power
Output Power vs. Supply Voltage
24
26
28
30
32
34
36
38
40
42
44
46
48
50
Vdd, SUPPLY VOLTAGE (V)
100
150
200
250
300
350
400
450
Pin= 0.65 W
Pin= 1.3 W
Pin= 2.6 W
F= 30 MHz
Idq= 250 mA
Output Power vs. Gate Voltage
-3
-2
-1
0
1
2
3
Vgs, GATE-SOURCE VOLTAGE (V)
0
100
200
300
400
500
F= 30 MHz
Vdd= 50 V
Tc= -20
°C
Tc= +25
°C
Tc= +80
°C
TYPICAL PERFORMANCE
Power Gain vs. Output Power



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com