Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD4010 Datasheet(PDF) 2 Page - STMicroelectronics

Part # SD4010
Description  RF & MICROWAVE TRANSISTORS UHF TV LINEAR APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD4010 Datasheet(HTML) 2 Page - STMicroelectronics

  SD4010 Datasheet HTML 1Page - STMicroelectronics SD4010 Datasheet HTML 2Page - STMicroelectronics SD4010 Datasheet HTML 3Page - STMicroelectronics SD4010 Datasheet HTML 4Page - STMicroelectronics SD4010 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL SPECIFICATIONS (Tcase
= 25°C)
Symbol
Test Conditions
Value
Unit
Min.
Typ.
Max.
POUT
f
= 860MHz
VCE
= 26.5V
PIN
= 2.2W
20.0
28.0
—
W
GP
f
= 860MHz
VCE
= 26.5V
POUT
= 20W
9.5
10.5
—
dB
IMD3
PSYNC
= 20W
VCE
= 26.5V
(note 1)
—
−48
−46
dBc
IP3
VCB
= 26.5V
POUT
= 20W PEP (note 2)
—
55
—
dBm
COB
f
= 860MHz
VCB
= 26.5V
(note 3)
—
25
36
pF
Load*
Mismatch
f
= 860MHz
VCE
= 26.5V
POUT
= 20W
3:1
10:1
—
VSWR
ICQ
= I
C
= 2.7A (1.35A per Side)
*VSWR tested for a minimum of 3:1 SWR at all phase angles.
Note 1:
Three Tone IMD Testing (CCIR)
f1
= 860.0MHz/ −8dB ref. to PSYNC -Visual
f2
= 863.5MHz/ −16dBref. to PSYNC- ColorSubcarrier
f3
= 864.5MHz/ −7dB ref. to PSYNC -Aural
STATIC
Symbol
Test Condi tions
Val ue
Unit
Min .
Typ.
Max.
BVEBO
IE
= 10mA
IC
= 0mA
3.0
4.0
—
V
BVCES
IC
= 50mA
VBE
= 0V
60.0
85.0
—
V
BVCEO
IC
= 50mA
IB
= 0mA
28.0
30.0
—
V
ICEO
VCE
= 26.5V
IE
= 0mA
—
—
5
mA
hFE
VCE
= 5V
IC
= 3A
25
50
80
—
Tested Per Side
DYNAMIC
TYPICAL PERFORMANCE
POWER OUTPUT vs POWER INPUT
POWER OUTPUT & POWER GAIN vs
TOTAL COLLECTOR CURRENT
N ote 2: IP3 Calcul ated Based on Two-Tone
IMD Testing:
f1
= 900.0 MHz/ −6dB ref. to P
OU T
f2
= 900.1 MHz/ −6dB ref. to P
OU T
IMD3 (Typ) <
−36dBc
N ote 3: Test ed Per Si de
SD4010
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com