Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD4010 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SD4010
Description  RF & MICROWAVE TRANSISTORS UHF TV LINEAR APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD4010 Datasheet(HTML) 1 Page - STMicroelectronics

  SD4010 Datasheet HTML 1Page - STMicroelectronics SD4010 Datasheet HTML 2Page - STMicroelectronics SD4010 Datasheet HTML 3Page - STMicroelectronics SD4010 Datasheet HTML 4Page - STMicroelectronics SD4010 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UHF TV LINEAR APPLICATIONS
RF & MICROWAVE TRANSISTORS
.400 x .425 4LFL (M119)
hermetically sealed
.
470-860 MHz
.
26.5 VOLTS
.
GOLD METALLIZATION
.
POUT
= 20.0W MIN. WITH 9.5 dB GAIN
.
INTERNAL INPUT MATCHING
.
DIFFUSED EMITTER BALLAST
RESISTORS
DESCRIPTION
The SD4010 is a gold metallized epitaxial silicon
NPN planar transistor using diffused emitter ballast
resistors. The SD4010 is intended for use in linear
applications up to 1GHz, including UHF television
transmitters, transposers and cellular base sta-
tions.
PIN CONNECTION
BRANDING
SUTV200
ORDER CODE
SD4010
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Uni t
VCBO
Collector-Base Voltage
60.0
V
VCES
Collector-Emitter Voltage
60.0
V
VEBO
Emitter-Base Voltage
4.0
V
IC
Device Current (Maximum)
11.0
A
PDISS
Power Dissipation
88.8
W
TJ
Junction Temperature
+200
°C
TSTG
Storage Temperature
− 65 to +150
°C
RTH(j-c)
Junction-Case Thermal Resistance
1.9
°C/W
SD4010
1. Collector
3. Emitter
2. Base
THERMAL DATA
November 1992
1/5


Similar Part No. - SD4010

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD4011 STMICROELECTRONICS-SD4011 Datasheet
52Kb / 5P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
SD4012 ADPOW-SD4012 Datasheet
106Kb / 3P
RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
logo
STMicroelectronics
SD4013 STMICROELECTRONICS-SD4013 Datasheet
50Kb / 5P
RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
Nov-1992
SD4017 STMICROELECTRONICS-SD4017 Datasheet
87Kb / 7P
RF & MICROWAVE TRANSISTORS 806-960 MHz CELLULAR BASE STATIONS
19-Jul-1994
logo
SHIELD s.r.l.
SD401N700100 SHIELD-SD401N700100 Datasheet
512Kb / 4P
SD40 distribution box, L-left profile M12-A sockets, built-in control cable
More results

Similar Description - SD4010

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1437 STMICROELECTRONICS-SD1437 Datasheet
34Kb / 3P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
13-Jun-1995
SD1439 STMICROELECTRONICS-SD1439 Datasheet
33Kb / 3P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
13-Jun-1995
SD1448 STMICROELECTRONICS-SD1448 Datasheet
71Kb / 6P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
Nov-1992
SD4011 STMICROELECTRONICS-SD4011 Datasheet
52Kb / 5P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS1501 ADPOW-MS1501 Datasheet
97Kb / 3P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
MS1502 ADPOW-MS1502 Datasheet
97Kb / 3P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
MS1508 ADPOW-MS1508 Datasheet
115Kb / 3P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
MS1512 ADPOW-MS1512 Datasheet
97Kb / 3P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
MS1581 ADPOW-MS1581 Datasheet
96Kb / 3P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
MS1582 ADPOW-MS1582 Datasheet
119Kb / 3P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com