Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD4017 Datasheet (PDF) - STMicroelectronics

SD4017 Datasheet PDF - STMicroelectronics
Part # SD4017
Download  SD4017 Download
File Size   87.15 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RF & MICROWAVE TRANSISTORS 806-960 MHz CELLULAR BASE STATIONS

SD4017 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD4017 Datasheet PDF - STMicroelectronics

Part # SD4017
Download  SD4017 Click to download

File Size   87.15 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RF & MICROWAVE TRANSISTORS 806-960 MHz CELLULAR BASE STATIONS

SD4017 Datasheet (HTML) - STMicroelectronics


SD4017 Product details

DESCRIPTION
The SD4017 is a gold metallized epitaxial silicon NPN planar transistor using diffused emitter ballast resistors for high linearity class AB operation for cellular base station applications.

■ GOLD METALLIZATION
■ DIFFUSED EMITTER BALLASTING
■ INTERNAL INPUT MATCHING
■ DESIGNED FOR LINEAR OPERATION
■ HIGH SATURATED POWER CAPABILITY
■ COMMON EMITTER CONFIGURATION
■ POUT = 30 W MIN. WITH 7.5 dB GAIN
■ ηC = 55% TYPICAL
■ TYPICAL LOAD MISMATCH CAPABILITY: 20:1 ALL ANGLES RATED CONDITIONS 10:1 ALL ANGLES @ ± 20% RATED VOLTAGE
■ TYPICAL OVERDRIVE SURVIVABILITY 5 dB




Similar Part No. - SD4017

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD4010 STMICROELECTRONICS-SD4010 Datasheet
70Kb / 5P
RF & MICROWAVE TRANSISTORS UHF TV LINEAR APPLICATIONS
Nov-1992
SD4011 STMICROELECTRONICS-SD4011 Datasheet
52Kb / 5P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
SD4012 ADPOW-SD4012 Datasheet
106Kb / 3P
RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
logo
STMicroelectronics
SD4013 STMICROELECTRONICS-SD4013 Datasheet
50Kb / 5P
RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
Nov-1992
logo
SHIELD s.r.l.
SD401N700100 SHIELD-SD401N700100 Datasheet
512Kb / 4P
SD40 distribution box, L-left profile M12-A sockets, built-in control cable
More results


Similar Description - SD4017

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD4590 STMICROELECTRONICS-SD4590 Datasheet
114Kb / 8P
RF POWER TRANSISTORS 800-960 MHz CELLULAR BASE STATION
Mar-2000
logo
Microsemi Corporation
SD1400 MICROSEMI-SD1400 Datasheet
610Kb / 5P
RF & MICROWAVE TRANSISTORS 860-900 MHz CLASS C, BASE STATIONS
SD1420 MICROSEMI-SD1420 Datasheet
310Kb / 3P
RF & MICROWAVE TRANSISTORS 860-900 MHz CLASS AB BASE STATIONS
SD1495 MICROSEMI-SD1495 Datasheet
348Kb / 3P
RF & MICROWAVE TRANSISTORS 850-890 MHz CLASS C BASE STATIONS
SD14950-3 MICROSEMI-SD14950-3 Datasheet
334Kb / 3P
RF & MICROWAVE TRANSISTORS 900-960 MHz CLASS C BASE STATIONS
SD1496-3 MICROSEMI-SD1496-3 Datasheet
334Kb / 3P
RF & MICROWAVE TRANSISTORS 900-960 MHz CLASS C BASE STATIONS
SD1496 MICROSEMI-SD1496 Datasheet
325Kb / 3P
RF & MICROWAVE TRANSISTORS 860-900 MHz CLASS C, BASE STATIONS
logo
Advanced Power Technolo...
MS1451 ADPOW-MS1451 Datasheet
96Kb / 3P
RF & MICROWAVE TRANSISTORS 800-960 MHz BASE STATION APPLICATIONS
MS1454 ADPOW-MS1454 Datasheet
280Kb / 5P
RF AND MICROWAVE TRANSISTORS 806-960 MHZ CELLULAR BASE STATIONS
logo
New Jersey Semi-Conduct...
SD4590 NJSEMI-SD4590 Datasheet
122Kb / 3P
RF POWER TRANSISTORS 800-960 MHz CELLULAR BASE STATION
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com