Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD4017 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SD4017
Description  RF & MICROWAVE TRANSISTORS 806-960 MHz CELLULAR BASE STATIONS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD4017 Datasheet(HTML) 4 Page - STMicroelectronics

  SD4017 Datasheet HTML 1Page - STMicroelectronics SD4017 Datasheet HTML 2Page - STMicroelectronics SD4017 Datasheet HTML 3Page - STMicroelectronics SD4017 Datasheet HTML 4Page - STMicroelectronics SD4017 Datasheet HTML 5Page - STMicroelectronics SD4017 Datasheet HTML 6Page - STMicroelectronics SD4017 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
0
5
10
15
20
25
30
35
40
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
OUTPUT POWER vs INPUT POWER
O
U
T
P
U
T
P
O
W
E
R
W
C
W
INPUT POWER WCW
INPUT POWER WCW
VCE
= 25V
ICQ
= 60mA
-55
-50
-45
-40
-35
-30
-25
0
5
10
15
20
25
30
35
40
45
IM DISTORTION vs OUTPUT POWER
I
M
D
d
B
OUTPUT POWER WPEP
OUTPUT POWER WPEP
IM3
IM5
IM7
F1
= 860.0MHz
F2
= 860.1MHz
Two Tones @ PEP-6dB each tone
10
15
20
25
30
35
40
45
50
1
10
14
16
18
20
22
24
26
28
30
32
34
36
OUTPUT POWER & GAIN vs VOLTAGE
O
U
T
P
U
T
P
O
W
E
R
W
C
W
COLLECTOR VOLTAGE V
P
O
W
E
R
G
A
I
N
d
B
COLLECTOR VOLTAGE V
Pg
Pout
PG
POUT
Input Power Set
= 3.5WCW
ICQ Constant
= 60mA
-38
-36
-34
-32
-30
-28
-26
-24
-22
-20
-18
18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36
IM3 DISTORTION vs SUPPLY VOLTAGE
I
M
D
3
d
B
COLLECTOR VOLTAGE V
COLLECTOR VOLTAGE V
NO TUNING for SHIFT in LOAD LINE with VOLTAGE
POUT Set
= 30WPEP
No ICQ Adj for VCE
TYPICAL PERFORMANCE (cont’d)
SD4017
4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com