Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD4017 Datasheet(PDF) 5 Page - STMicroelectronics

Part # SD4017
Description  RF & MICROWAVE TRANSISTORS 806-960 MHz CELLULAR BASE STATIONS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD4017 Datasheet(HTML) 5 Page - STMicroelectronics

  SD4017 Datasheet HTML 1Page - STMicroelectronics SD4017 Datasheet HTML 2Page - STMicroelectronics SD4017 Datasheet HTML 3Page - STMicroelectronics SD4017 Datasheet HTML 4Page - STMicroelectronics SD4017 Datasheet HTML 5Page - STMicroelectronics SD4017 Datasheet HTML 6Page - STMicroelectronics SD4017 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TYPICAL INPUT
IMPEDANCE
TYPICAL COLLECTOR
LOAD IMPEDANCE
POUT
= 30W
VCE
= 25 V
Normalized to 50 ohms
800MHz
800MHz
960MHz
960MHz
IMPEDANCE DATA
ZIN
ZCL
FREQ.
ZIN (
Ω)ZCL (Ω)
800 MHz
4.3 + j 5.8
3.5 + j 0.2
830 MHz
3.2 + j 6.1
3.5 + j 0.1
860 MHz
3.5 + j 7.1
2.9
− j 0.2
900 MHz
5.3 + j 6.4
3.0
− j 0.6
915 MHz
6.1 + j 6.3
3.2
− j 0.7
930 MHz
9.4 + j 6.3
3.2
− j 1.1
945 MHz
6.6 + j 3.0
3.3
− j 1.2
960 MHz
5.9 + j 1.0
3.4
− j 1.5
SD4017
5/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com