Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD4017 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SD4017
Description  RF & MICROWAVE TRANSISTORS 806-960 MHz CELLULAR BASE STATIONS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD4017 Datasheet(HTML) 1 Page - STMicroelectronics

  SD4017 Datasheet HTML 1Page - STMicroelectronics SD4017 Datasheet HTML 2Page - STMicroelectronics SD4017 Datasheet HTML 3Page - STMicroelectronics SD4017 Datasheet HTML 4Page - STMicroelectronics SD4017 Datasheet HTML 5Page - STMicroelectronics SD4017 Datasheet HTML 6Page - STMicroelectronics SD4017 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
July 19, 1994
806-960 MHz CELLULAR BASE STATIONS
RF & MICROWAVE TRANSISTORS
.230 6LFL (M142)
epoxy sealed
.
GOLD METALLIZATION
.
DIFFUSED EMITTER BALLASTING
.
INTERNAL INPUT MATCHING
.
DESIGNED FOR LINEAR OPERATION
.
HIGH SATURATED POWER CAPABILITY
.
COMMON EMITTER CONFIGURATION
.
POUT
= 30 W MIN. WITH 7.5 dB GAIN
.η
C
= 55% TYPICAL
.
TYPICAL LOAD MISMATCH CAPABILITY:
20:1 ALL ANGLES RATED CONDITIONS
10:1 ALL ANGLES @
± 20% RATED
VOLTAGE
.
TYPICAL OVERDRIVE SURVIVABILITY
5dB
DESCRIPTION
The SD4017 is a gold metallized epitaxial silicon
NPN planar transistor using diffused emitter ballast
resistors for high linearity class AB operation for
cellular base station applications.
PIN CONNECTION
BRANDING
SD4017
ORDER CODE
SD4017
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
48
V
VCEO
Collector-Emitter Voltage
25
V
VEBO
Collector-Supply Voltage
3.5
V
PDISS
Power Dissipation
88
W
IC
Device Current
7.5
A
TJ
Junction Temperature
200
°C
TSTG
Storage Temperature
− 65 to +150
°C
RTH(j-c)
Junction-Case Thermal Resistance
2.0
°C/W
SD4017
1. Collector
3. Emitter
2. Base
THERMAL DATA
1/7


Similar Part No. - SD4017

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD4010 STMICROELECTRONICS-SD4010 Datasheet
70Kb / 5P
RF & MICROWAVE TRANSISTORS UHF TV LINEAR APPLICATIONS
Nov-1992
SD4011 STMICROELECTRONICS-SD4011 Datasheet
52Kb / 5P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
SD4012 ADPOW-SD4012 Datasheet
106Kb / 3P
RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
logo
STMicroelectronics
SD4013 STMICROELECTRONICS-SD4013 Datasheet
50Kb / 5P
RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
Nov-1992
logo
SHIELD s.r.l.
SD401N700100 SHIELD-SD401N700100 Datasheet
512Kb / 4P
SD40 distribution box, L-left profile M12-A sockets, built-in control cable
More results

Similar Description - SD4017

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD4590 STMICROELECTRONICS-SD4590 Datasheet
114Kb / 8P
RF POWER TRANSISTORS 800-960 MHz CELLULAR BASE STATION
Mar-2000
logo
Microsemi Corporation
SD1400 MICROSEMI-SD1400 Datasheet
610Kb / 5P
RF & MICROWAVE TRANSISTORS 860-900 MHz CLASS C, BASE STATIONS
SD1420 MICROSEMI-SD1420 Datasheet
310Kb / 3P
RF & MICROWAVE TRANSISTORS 860-900 MHz CLASS AB BASE STATIONS
SD1495 MICROSEMI-SD1495 Datasheet
348Kb / 3P
RF & MICROWAVE TRANSISTORS 850-890 MHz CLASS C BASE STATIONS
SD14950-3 MICROSEMI-SD14950-3 Datasheet
334Kb / 3P
RF & MICROWAVE TRANSISTORS 900-960 MHz CLASS C BASE STATIONS
SD1496-3 MICROSEMI-SD1496-3 Datasheet
334Kb / 3P
RF & MICROWAVE TRANSISTORS 900-960 MHz CLASS C BASE STATIONS
SD1496 MICROSEMI-SD1496 Datasheet
325Kb / 3P
RF & MICROWAVE TRANSISTORS 860-900 MHz CLASS C, BASE STATIONS
logo
Advanced Power Technolo...
MS1451 ADPOW-MS1451 Datasheet
96Kb / 3P
RF & MICROWAVE TRANSISTORS 800-960 MHz BASE STATION APPLICATIONS
MS1454 ADPOW-MS1454 Datasheet
280Kb / 5P
RF AND MICROWAVE TRANSISTORS 806-960 MHZ CELLULAR BASE STATIONS
logo
New Jersey Semi-Conduct...
SD4590 NJSEMI-SD4590 Datasheet
122Kb / 3P
RF POWER TRANSISTORS 800-960 MHz CELLULAR BASE STATION
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com