Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD4017 Datasheet(PDF) 2 Page - STMicroelectronics

Part # SD4017
Description  RF & MICROWAVE TRANSISTORS 806-960 MHz CELLULAR BASE STATIONS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD4017 Datasheet(HTML) 2 Page - STMicroelectronics

  SD4017 Datasheet HTML 1Page - STMicroelectronics SD4017 Datasheet HTML 2Page - STMicroelectronics SD4017 Datasheet HTML 3Page - STMicroelectronics SD4017 Datasheet HTML 4Page - STMicroelectronics SD4017 Datasheet HTML 5Page - STMicroelectronics SD4017 Datasheet HTML 6Page - STMicroelectronics SD4017 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ELECTRICAL SPECIFICATIONS (Tcase
= 25°C)
Symbol
Test Conditions
Value
Unit
Min.
Typ.
Max.
POUT
f
= 860 MHz
VCE
= 25 V
ICQ
= 60 mA
30
—
—
W
ηcf = 860 MHz
VCE
= 25 V
ICQ
= 60 mA
—
55
—
%
PG
f
= 860 MHz
VCE
= 25 V
ICQ
= 60 mA
7.5
9
—
dB
COB
VCB
= 25 V
fo
= 1 MHz
—
42
—
pf
IMD3
POUT
= 30 WPEP
f1
= 860.0 MHz f2 = 860.1 MHz
—
−35
—
dBc
VSWR1
VSWR
= 20:1
VCE
= 25 V
VSWR
= 10:1
VCE
= 25 V ± 20%
No Degradation in
Output Device
Typ.
VSWR2
VSWR
= 5:1
VCE
= 25V ± 20%
PIN
= PIN (norm) +3dB
No Degradation in
Output Device
Typ.
OVD
PIN(norm)
= +5dB
VCE
= 25 V
PIN(norm)
= +3dB
VCE
= 25 V ± 20%
No Degradation in
Output Device
Typ.
STATIC
Symbol
Test Condi tions
Value
Unit
Min.
Typ.
Max.
BVCBO
IC
= 100 mA
48
55
—
V
BVEBO
IE
= 10 mA
3.5
5
—
V
BVCEO
IC
= 40 mA
25
28
—
V
BVCER
IC
= 40 mA
RBE
= 150 Ω
30
40
—
V
ICBO
VCE
= 24 V
10
—
—
mA
hFE
VCE
= 20 V
IC
= 2 A
15
40
100
—
DYNAMIC
SD4017
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com