Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD4017 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SD4017
Description  RF & MICROWAVE TRANSISTORS 806-960 MHz CELLULAR BASE STATIONS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD4017 Datasheet(HTML) 3 Page - STMicroelectronics

  SD4017 Datasheet HTML 1Page - STMicroelectronics SD4017 Datasheet HTML 2Page - STMicroelectronics SD4017 Datasheet HTML 3Page - STMicroelectronics SD4017 Datasheet HTML 4Page - STMicroelectronics SD4017 Datasheet HTML 5Page - STMicroelectronics SD4017 Datasheet HTML 6Page - STMicroelectronics SD4017 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
0.1
1
10
0
102030
4050
DC SAFE OPERATING AREA
I
C
M
A
X
I
M
U
M
A
C-E BREAKDOWN VOLTAGE V
C-E BREAKDOWN VOLTAGE V
BVCER
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
0123
45
DC CURRENT GAIN vs COLLECTOR CURRENT
h
F
E
COLLECTOR CURRENT A
COLLECTOR CURRENT A
Vce = 25V
Vce = 20V
Pulsed Measurement
VCE
= 25V
VCE
= 20V
30
40
50
60
70
80
90
100
110
120
130
140
150
02468
10
12
14
16
18
20
22
24
26
28
30
OUTPUT CAPACITANCE vs C-B VOLTAGE
C
O
B
p
F
COLLECTOR VOLTAGE V
COLLECTOR VOLTAGE V
F1
= 1MHz
IC
= 0
7.2
7.4
7.6
7.8
8
8.2
8.4
8.6
8.8
9
9.2
9.4
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95 100 105
POWER GAIN vs CASE TEMPERATURE
P
O
W
E
R
G
A
I
N
d
B
CASE TEMPERATURE C
CASE TEMPERATURE C
Output Power Held
Constant
= 30WCW
∆PGAIN
-0.03dB/
°C
VCE
= 25V
ICQ
= 60mA
TYPICAL PERFORMANCE
SD4017
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com