Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD4590 Datasheet (PDF) - STMicroelectronics

SD4590 Datasheet PDF - STMicroelectronics
Part # SD4590
Download  SD4590 Download
File Size   114.94 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RF POWER TRANSISTORS 800-960 MHz CELLULAR BASE STATION

SD4590 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD4590 Datasheet PDF - STMicroelectronics

Part # SD4590
Download  SD4590 Click to download

File Size   114.94 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RF POWER TRANSISTORS 800-960 MHz CELLULAR BASE STATION

SD4590 Datasheet (HTML) - STMicroelectronics


SD4590 Product details

DESCRIPTION
The SD4590 is designed for both analog and digital cellular base stations over the 800 to 960 MHz frequency range, specifically those systems requiring the high linearity and efficiency afforded by class AB operation. Integrated input/output pre-matching simplifies amplifier design. Ruggedness, MTTF, and linearity are enhanced using diffused emitter resistors and refractory/gold metallization.

■ GOLD METALLIZATION
■ DIFFUSED EMITTER BALLASTING
■ INTERNAL INPUT/OUTPUT MATCHING
■ COMMON EMITTER CONFIGURATION
■ DESIGNED FOR LINEAR OPERATION HIGH SATURATED POWER CAPABILITY 26 VOLT, 900 MHz PERFORMANCE
■ POUT =150 W MIN.
   GAIN = 8.5 dB MIN.
   IMD3 = -28dB MAX. @ POUT = 150W PEP
■ INHERENT RUGGEDNESS:
   LOAD MISMATCH TOLERANCE OF 5:1 MIN. VSWR 3 dB OVERDRIVE CAPABILITY
■ ESD SENSITIVITY, CLASS 3 (MIL STD-883D METHOD 3015)




Similar Part No. - SD4590

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
SD4590 NJSEMI-SD4590 Datasheet
122Kb / 3P
RF POWER TRANSISTORS 800-960 MHz CELLULAR BASE STATION
More results


Similar Description - SD4590

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1420 STMICROELECTRONICS-SD1420 Datasheet
50Kb / 3P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
06-Sep-1994
SD1424 STMICROELECTRONICS-SD1424 Datasheet
49Kb / 5P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
07-Oct-1993
SD4017 STMICROELECTRONICS-SD4017 Datasheet
87Kb / 7P
RF & MICROWAVE TRANSISTORS 806-960 MHz CELLULAR BASE STATIONS
19-Jul-1994
SD4600 STMICROELECTRONICS-SD4600 Datasheet
65Kb / 4P
RF & MICROWAVE TRANSISTORS CELLULAR BASE STATION APPLICATIONS
Nov-1992
SD4701 STMICROELECTRONICS-SD4701 Datasheet
148Kb / 6P
RF & MICROWAVE TRANSISTORS CELLULAR BASE STATION APPLICATIONS
May-1993
logo
Microsemi Corporation
MS1578 MICROSEMI-MS1578 Datasheet
411Kb / 5P
RF & MICROWAVE TRANSISTORS 800-960MHz CELLULAR BASE STATION
logo
Advanced Power Technolo...
MS1451 ADPOW-MS1451 Datasheet
96Kb / 3P
RF & MICROWAVE TRANSISTORS 800-960 MHz BASE STATION APPLICATIONS
MS1452 ADPOW-MS1452 Datasheet
141Kb / 4P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
MS1454 ADPOW-MS1454 Datasheet
280Kb / 5P
RF AND MICROWAVE TRANSISTORS 806-960 MHZ CELLULAR BASE STATIONS
logo
New Jersey Semi-Conduct...
SD4590 NJSEMI-SD4590 Datasheet
122Kb / 3P
RF POWER TRANSISTORS 800-960 MHz CELLULAR BASE STATION
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com