Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD4590 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SD4590
Description  RF POWER TRANSISTORS 800-960 MHz CELLULAR BASE STATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD4590 Datasheet(HTML) 3 Page - STMicroelectronics

  SD4590 Datasheet HTML 1Page - STMicroelectronics SD4590 Datasheet HTML 2Page - STMicroelectronics SD4590 Datasheet HTML 3Page - STMicroelectronics SD4590 Datasheet HTML 4Page - STMicroelectronics SD4590 Datasheet HTML 5Page - STMicroelectronics SD4590 Datasheet HTML 6Page - STMicroelectronics SD4590 Datasheet HTML 7Page - STMicroelectronics SD4590 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Output Power vs Input Power
Output Power vs Supply Voltage
Power Gain vs Output Power
Output Power vs Frequency
Intermodulation Distortion vs Output Power
Broadband Performance
TYPICAL PERFORMANCE
860 MHz
960 MHz
900 MHz
VCE = 26V
ICQ = 40 0mA
PIN
=
36W
36W
30W
24W
18W
12W
16W
6W
PIN
=
ORDER
24W
3
RD
5
TH
7
TH
9
TH
8W
F1 = 90 0.00MHz
F2 = 90 0.10MHz
VCE = 26V
ICQ = 40 0mA
PG
RL
η
C
FREQ = 900MHz
ICQ = 400mA
FREQ = 900MHz
VCE =26 mA
IMD
ICQ =
1200mA
900mA
600mA
400mA
300mA
POUT = 150WPEP
VCE = 26V
ICQ = 400mA
VCE = 26V
ICQ = 400mA
SD4590
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com