Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD4590 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SD4590
Description  RF POWER TRANSISTORS 800-960 MHz CELLULAR BASE STATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD4590 Datasheet(HTML) 1 Page - STMicroelectronics

  SD4590 Datasheet HTML 1Page - STMicroelectronics SD4590 Datasheet HTML 2Page - STMicroelectronics SD4590 Datasheet HTML 3Page - STMicroelectronics SD4590 Datasheet HTML 4Page - STMicroelectronics SD4590 Datasheet HTML 5Page - STMicroelectronics SD4590 Datasheet HTML 6Page - STMicroelectronics SD4590 Datasheet HTML 7Page - STMicroelectronics SD4590 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SD4590
RF POWER TRANSISTORS
800-960 MHz CELLULAR BASE STATION
ν
GOLD METALLIZATION
ν
DIFFUSED EMITTER BALLASTING
ν
INTERNAL INPUT/OUTPUT MATCHING
ν
COMMON EMITTER CONFIGURATION
ν
DESIGNED FOR LINEAR OPERATION HIGH
SATURATED POWER CAPABILITY 26 VOLT,
900 MHz PERFORMANCE
ν
POUT =150 W MIN.
GAIN = 8.5 dB MIN.
IMD3 = -28dB MAX. @ POUT = 150W PEP
ν
INHERENT RUGGEDNESS:
LOAD MISMATCH TOLERANCE OF
5:1 MIN. VSWR
3 dB OVERDRIVE CAPABILITY
ν
ESD SENSITIVITY, CLASS 3 (MIL STD-883D
METHOD 3015)
DESCRIPTION
The SD4590 is designed for both analog and
digital cellular base stations over the 800 to 960
MHz frequency range, specifically those systems
requiring the high linearity and efficiency afforded
by class AB operation. Integrated input/output
pre-matching
simplifies
amplifier
design.
Ruggedness, MTTF, and linearity are enhanced
using
diffused
emitter
resistors
and
refractory/gold metallization.
PIN CONNECTION
March 2000
ABSOLUTE MAXIMUM RATINGS (Tcase =25
oC)
Symbol
Parameter
Val ue
Uni t
VCBO
Collect or-Base Voltage
65
V
VCEO
Collect or-Emitter Volt age
28
V
VEBO
Emitter-Base Voltage
3.5
V
IC
Device Current
25
A
PDISS
Power Dissipation
300
W
Tj
Max. O perat ing Junction Temperature
200
oC
TSTG
Storage Temperature
-65 to 150
oC
THERMAL DATA
Rth (j-c)
Junct ion-Case Thermal Resistance
0.60
oC/W
M208
epoxy sealed
®
ORDER CODE
BRANDING
SD4590
SD4590
1. Collector
3.Base
2. Emitter
1/8


Similar Part No. - SD4590

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
SD4590 NJSEMI-SD4590 Datasheet
122Kb / 3P
RF POWER TRANSISTORS 800-960 MHz CELLULAR BASE STATION
More results

Similar Description - SD4590

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1420 STMICROELECTRONICS-SD1420 Datasheet
50Kb / 3P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
06-Sep-1994
SD1424 STMICROELECTRONICS-SD1424 Datasheet
49Kb / 5P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
07-Oct-1993
SD4017 STMICROELECTRONICS-SD4017 Datasheet
87Kb / 7P
RF & MICROWAVE TRANSISTORS 806-960 MHz CELLULAR BASE STATIONS
19-Jul-1994
SD4600 STMICROELECTRONICS-SD4600 Datasheet
65Kb / 4P
RF & MICROWAVE TRANSISTORS CELLULAR BASE STATION APPLICATIONS
Nov-1992
SD4701 STMICROELECTRONICS-SD4701 Datasheet
148Kb / 6P
RF & MICROWAVE TRANSISTORS CELLULAR BASE STATION APPLICATIONS
May-1993
logo
Microsemi Corporation
MS1578 MICROSEMI-MS1578 Datasheet
411Kb / 5P
RF & MICROWAVE TRANSISTORS 800-960MHz CELLULAR BASE STATION
logo
Advanced Power Technolo...
MS1451 ADPOW-MS1451 Datasheet
96Kb / 3P
RF & MICROWAVE TRANSISTORS 800-960 MHz BASE STATION APPLICATIONS
MS1452 ADPOW-MS1452 Datasheet
141Kb / 4P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
MS1454 ADPOW-MS1454 Datasheet
280Kb / 5P
RF AND MICROWAVE TRANSISTORS 806-960 MHZ CELLULAR BASE STATIONS
logo
New Jersey Semi-Conduct...
SD4590 NJSEMI-SD4590 Datasheet
122Kb / 3P
RF POWER TRANSISTORS 800-960 MHz CELLULAR BASE STATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com