Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD4590 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SD4590
Description  RF POWER TRANSISTORS 800-960 MHz CELLULAR BASE STATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD4590 Datasheet(HTML) 4 Page - STMicroelectronics

  SD4590 Datasheet HTML 1Page - STMicroelectronics SD4590 Datasheet HTML 2Page - STMicroelectronics SD4590 Datasheet HTML 3Page - STMicroelectronics SD4590 Datasheet HTML 4Page - STMicroelectronics SD4590 Datasheet HTML 5Page - STMicroelectronics SD4590 Datasheet HTML 6Page - STMicroelectronics SD4590 Datasheet HTML 7Page - STMicroelectronics SD4590 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SERIES EQUIVALENT INPUT/OUTPUT IMPEDANCES
FREQ.
ZIN (
Ω)ZCL (Ω)
800 MHz
4.25 + j 12.25
5.75
− j 4.25
820 MHz
4.75 + j 13.25
5.00
− j 2.75
840 MHz
5.25 + j 12.50
5.50
− j 2.50
860 MHz
4.75 + j 10.25
5.00
− j 3.00
880 MHz
6.25 + j 9.00
4.60
− j 2.90
900 MHz
7.75 + j 10.25
4.25
− j 2.90
920 MHz
6.50 + j 11.50
3.95
− j 2.90
940 MHz
6.50 + j 10.25
3.80
− j 2.80
960 MHz
8.50 + j 9.50
3.40
− j 2.85
980 MHz
9.25 + j 11.50
3.10
− j 3.00
1000 MHz
8.50 + j 13.25
2.75
− j 3.15
CONDITIONS:
VCE = 26V
ICQ = 2 X 200mA
POUT = 150W PEP
IMD 3
≤ -28dBT
(
∆ f1 f2 = 100KHz)
NOTE: A = 800MHz
B = 1000MHz
(Measured in 10MHz increments)
A
B
B
ZIN
A
ZCL
SD4590
4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com