Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RUSB2AC1MB Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # RUSB2AC1MB
Description  Common Point Ground Monitor Installation, Operation and Maintenance
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

RUSB2AC1MB Datasheet(HTML) 3 Page - StarTech.com Ltd.

  RUSB2AC1MB Datasheet HTML 1Page - StarTech.com Ltd. RUSB2AC1MB Datasheet HTML 2Page - StarTech.com Ltd. RUSB2AC1MB Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TB-9112 Page 3 of 3
© 2021 DESCO INDUSTRIES INC
Employee Owned
SCS - 926 JR Industrial Drive, Sanford, NC 27332
East: (919) 718-0000 | West: (909) 627-9634 • Website: StaticControl.com
Calibration
Frequency of recalibration should be based on the
critical nature of those ESD sensitive items handled and
the risk of failure for the ESD protective equipment and
materials. In general, SCS recommends that calibration
be performed annually.
NOTE: The following procedure should only be done by
someone familiar with voltage hazards. This procedure
will work for 220 VAC as long as the neutral and ground
are referenced. 220 VAC produced with out-of-phase
110VAC-Ground-110VAC will produce a FAIL result.
1. Disconnect the power cord from the electrical outlet
and connect it to a 3-prong to 2-prong adapter to
isolate its ground pin.
2. Connect the 3-prong to 2-prong adapter to an
appropriate AC outlet to power the Common Point
Ground Monitor.
3. Connect a 5 kilohm resistor (5% tolerance) between
the supply ground and power cord's ground pin.
The status LEDs should illuminate green until the
resistor is removed. This test validates the PASS
point for the neutral-to-ground resistance.
4. Connect a 12.5 kilohm resistor (5% tolerance)
between the supply ground and power cord's
ground pin. The status LEDs should illuminate red
and audible buzzer should sound. This test validates
the FAIL point for the neutral-to-ground resistance.
Limited Warranty, Warranty Exclusions, Limit
of Liability and RMA Request Instructions
See the SCS Warranty -
StaticControl.com/Limited-Warranty.aspx
Operation
Use the banana jacks on the ground hub to connect
banana plugs to ground. Use the 6 included socket
head screws and split washers to secure ground wires
with ring terminals.
Figure 4. Using the Common Point Ground Monitor
Specifications
Input Voltage and
Frequency
Power Input:
100-240 VAC, 50/60 Hz
Power Cord Length:
6 ft. (1.8 m)
Operating Temperature 50 to 95° F (10 to 35° C)
Environmental
Requirements
Indoor use only at altitudes
less than 6500 ft. (2 km)
Maximum relative humidity
of 80% up to 85° F (30° C)
decreasing linearly to 50% @
85° F (30° C)
Dimensions
4.38" L x 2.47" W x 1.00" H
(111 mm x 63 mm x 25 mm)
Weight
0.35 lbs. (0.16 kg)
Equipment Ground
Conductor Resistance
Limit
10 kilohms (nominal)
Country of Origin
United States of America



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com