Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RUSB2AC1MB Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # RUSB2AC1MB
Description  Common Point Ground Monitor Installation, Operation and Maintenance
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

RUSB2AC1MB Datasheet(HTML) 1 Page - StarTech.com Ltd.

  RUSB2AC1MB Datasheet HTML 1Page - StarTech.com Ltd. RUSB2AC1MB Datasheet HTML 2Page - StarTech.com Ltd. RUSB2AC1MB Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TB-9112 Page 1 of 3
© 2021 DESCO INDUSTRIES INC
Employee Owned
SCS - 926 JR Industrial Drive, Sanford, NC 27332
East: (919) 718-0000 | West: (909) 627-9634 • Website: StaticControl.com
June 2021
Description
The SCS Common Point Ground Monitor confirms the
integrity of the resistance path from the common ground
point to electrical ground. It is designed in accordance
with ESD TR 12-01 to “monitoring equipment ground
connections.”
When the Common Point Ground Monitor is plugged
into an electrical receptacle, its green LEDs illuminate
when both the power outlet's wiring is correct and
the path-to-equipment ground via the equipment
grounding conductor is intact. The monitor provides
12 verified ground points when in a PASS condition.
The monitor's red LEDs illuminate and audible buzzer
sounds when either the outlet’s wiring is incorrect or the
path-to-equipment ground is defective. Mounting tabs
make it suitable to install in workbench or equipment
settings.
The outlet ground line is tested by measuring voltage
between it and the neutral line. It is normal to have
a few volts of AC induced on the neutral line. If the
Common Point Ground Monitor measures only a few
volts, the ground line to neutral impedance is low and
the ground line would make a suitable ESD ground
point. If the monitor measures more than just a few volts
between ground and neutral, this indicates either that
they are not referenced to each other or that the outlet
and associated wiring should be checked for loose
connections. In this case, the Common Point Ground
Monitor will sound a warning alarm and display a red
FAIL indication and should not be used for an ESD
grounding point until corrected.
Use the Common Point Ground Monitor to fulfill the
ANSI/ESD S6.1 section 6.3.1 requirement. “The hot,
neutral and equipment grounding conductor shall
be verified to be in the proper wiring orientation in
accordance with the National Electric Code (NFPA
70®).”
The Common Point Ground Monitor is available as the
following item numbers:
Item
Description
770048 Common Point Ground Monitor, with North
America Power Cord
770049 Common Point Ground Monitor, with UK
Power Cord
Packaging
1 Common Point Ground Monitor
6 Socket Head Screws, 10-32 x 1/4"
6 Split Washers, #10
2 Pan-Head Screws, #6 x 3/8"
1 Dual Lock Fastener Set, 2" Length
1 Hex Key, 5/32"
1 Power Cord, 6' Length
1 Certificate of Calibration
Common Point Ground Monitor
Installation, Operation and Maintenance
Made in the
United States of America
USER GUIDE TB-9112
Figure 1. SCS Common Point Ground Monitor


Similar Part No. - RUSB2AC1MB

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
RUSB2AC1MW STARTECH-RUSB2AC1MW Datasheet
69Kb / 3P
1m USB A to USB C Charging Cable - Durable Fast Charge & Sync USB 2.0 to USB Type C Data Cord - Rugged TPE Jacket Aramid Fiber M/M 3A White - Samsung S10, iPad Pro, Pixel
More results

Similar Description - RUSB2AC1MB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B-640 ETC2-B-640 Datasheet
60Kb / 1P
Installation, Operation and Maintenance Procedures
15006 ETC2-15006 Datasheet
360Kb / 4P
Installation and Maintenance of ESD Mats
07010 ETC2-07010 Datasheet
1Mb / 4P
Calibration Unit for Testers Installation, Operation and Maintenance
19226 ETC2-19226 Datasheet
310Kb / 4P
Multi-Mount Continuous Monitor Operation, Installation, and Maintenance
19218 ETC2-19218 Datasheet
699Kb / 4P
Workstation Continuous Mini Monitor Operation, Installation and Maintenance
19218 ETC2-19218 Datasheet
699Kb / 4P
Jewel짰 Workstation Continuous Mini Monitor Operation, Installation and Maintenance
94391 ETC-94391 Datasheet
485Kb / 3P
SPI Ground Gard 5 / 5.5 Operation, Installation, and Maintenance
98132 ETC-98132 Datasheet
405Kb / 3P
AC Outlet Analyzer and Wrist Strap Tester Installation, Operation and Maintenance
19500 ETC-19500 Datasheet
639Kb / 6P
Bench Top Blower Ionizer Installation, Operation and Maintenance
August 2018
logo
Bertech.
CGC151M BERTECH-CGC151M Datasheet
107Kb / 1P
Common Point Ground Cords
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com