Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RUSB2AC2MB Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # RUSB2AC2MB
Description  2m USB A to USB C Charging Cable - Durable Fast Charge & Sync USB 2.0 to USB Type C Data Cord - Rugged TPE Jacket Aramid Fiber M/M 3A Black - Samsung S10, iPad Pro, Pixel
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

RUSB2AC2MB Datasheet(HTML) 1 Page - StarTech.com Ltd.

  RUSB2AC2MB Datasheet HTML 1Page - StarTech.com Ltd. RUSB2AC2MB Datasheet HTML 2Page - StarTech.com Ltd. RUSB2AC2MB Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2m USB A to USB C Charging Cable - Durable Fast Charge & Sync USB 2.0 to USB Type C Data
Cord - Rugged TPE Jacket Aramid Fiber M/M 3A Black - Samsung S10, iPad Pro, Pixel
Product ID: RUSB2AC2MB
This USB C cable withstands the daily demands of charging and syncing your mobile devices. Compatible with your
Thunderbolt 3 ports, this rugged cable is a must-have for both business and consumer applications.
The durable USB C charging cable has aramid fiber reinforcement that shelters it from the stress of frequent bends.
This also lets the cable flex without over-stretching or damaging the core of the cable. <ol>
• Aramid fiber adds strength and durability to the cable
• Insulated conductors reduce friction, provide more flexibility
• EMI (electromagnetic interference) protection with aluminum-mylar foil with braided shielding
• TPE (thermoplastic elastomer) cable jacket is more flexible than a standard PVC cable</ol>
The USB A to USB C cable is constructed to prevent the connector from separating from the jacket. The extra-long
strain relief molding is tested to withstand over 10,000+ bend cycles at a 180 angle.
<ol>
• USB Type C connector provides 3A of power output for charging your USB C compatible devices
• Metal shield protects circuit board from EMI and reinforces the connection point
• Strain relief tested to tolerate over 10,000+ bend cycles at a 180 angle </ol>
The durable cable supports all USB 2.0 specifications providing a dependable connection for all your USB-C devices.
It also delivers up to 60W of power to charge your devices without needing an additional power supply.
RUSB2AC2MB is backed by a StarTech.com lifetime warranty and free lifetime technical support.


Similar Part No. - RUSB2AC2MB

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
RUSB2AC2MW STARTECH-RUSB2AC2MW Datasheet
56Kb / 3P
2m USB A to USB C Charging Cable - Durable Fast Charge & Sync USB 2.0 to USB Type C Data Cord - Rugged TPE Jacket Aramid Fiber M/M 3A White - Samsung S10, iPad Pro, Pixel
More results

Similar Description - RUSB2AC2MB

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U038-006 TRIPPLITE-U038-006 Datasheet
167Kb / 3P
USB 2.0 Cable, USB Type-A Male to USB Type-C (USB-C) Male, 6-ft.
U038-C13 TRIPPLITE-U038-C13 Datasheet
164Kb / 3P
USB Type-A to USB Type-C Cable (M/M) - 2.0, 3A Rating, USB-IF Certified, Thunderbolt 3, 13 ft.
U040-003-C-5A TRIPPLITE-U040-003-C-5A Datasheet
166Kb / 3P
USB 2.0 Cable with 5A Rating, USB-C to USB-C (M/M), 3 ft.
U040-006-C TRIPPLITE-U040-006-C Datasheet
157Kb / 3P
USB 2.0 Cable, USB Type-C (USB-C) to USB Type-C M/M, 6-ft. Length
U040-006-C-5A TRIPPLITE-U040-006-C-5A Datasheet
166Kb / 3P
USB 2.0 Cable with 5A Rating, USB-C to USB-C (M/M), 6 ft.
U040-C03-C TRIPPLITE-U040-C03-C Datasheet
159Kb / 3P
USB Type-C to USB Type-C Cable (M/M) - 2.0, 3A Rating, USB-IF Certified, Thunderbolt 3, 3 ft.
logo
IOGEAR
G2LU3CAM02-WT IOGEAR-G2LU3CAM02-WT Datasheet
151Kb / 3P
Charge & Sync Flip??Pro - USB-C??to Reversible USBA Cable 6.5ft. (2m)
G2LU3CCM01 IOGEAR-G2LU3CCM01 Datasheet
146Kb / 3P
Charge & Sync USB-C to USB-C Cable, 3.3ft (1m)
G2LU3CCM02 IOGEAR-G2LU3CCM02 Datasheet
146Kb / 3P
Charge & Sync USB-C to USB-C Cable, 6.5ft (2m)
logo
List of Unclassifed Man...
USBA2C1MOUSBC ETC-USBA2C1MOUSBC Datasheet
165Kb / 1P
DETACHABLE USB CORD, USB A TO USB C TYPE 2.0
11/18/18
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com