Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD4011 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SD4011
Description  RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD4011 Datasheet(HTML) 3 Page - STMicroelectronics

  SD4011 Datasheet HTML 1Page - STMicroelectronics SD4011 Datasheet HTML 2Page - STMicroelectronics SD4011 Datasheet HTML 3Page - STMicroelectronics SD4011 Datasheet HTML 4Page - STMicroelectronics SD4011 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Normalized to 50 ohms
TYPICAL INPUT
IMPEDANCE
TYPICAL COLLECTOR
LOAD IMPEDANCE
IMPEDANCE DATA
ZIN
ZCL
FREQ.
ZIN (
Ω)ZCL (Ω)
470 MHz
2.26 + j 1.67
11.30 + j 5.23
600 MHz
1.93 + j 1.96
10.65 + j 2.91
700 MHz
1.40 + j 2.38
8.41 + j 6.07
860 MHz
1.19 + j 3.45
5.63 + j 4.17
SD4011
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com