Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD4011 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SD4011
Description  RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD4011 Datasheet(HTML) 1 Page - STMicroelectronics

  SD4011 Datasheet HTML 1Page - STMicroelectronics SD4011 Datasheet HTML 2Page - STMicroelectronics SD4011 Datasheet HTML 3Page - STMicroelectronics SD4011 Datasheet HTML 4Page - STMicroelectronics SD4011 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UHF TV/LINEAR APPLICATIONS
RF & MICROWAVE TRANSISTORS
. 280 4L STUD (M122)
epoxy sealed
.
GOLD METALLIZATION
.
INTERNAL INPUT MATCHING
.
COMMON EMITTER
.
OVERLAY GEOMETRY
.
CLASS A OPERATION
.
METAL/CERAMIC PACKAGE
.
POUT
= 4W MIN. WITH 8dBGAIN
DESCRIPTION
The SD4011 is a gold metallized NPN silicon bipolar
device optimized for Class A operation in TV Band
IV/V.
Suitable for a variety of other UHF linear applica-
tions, SD4011 is supplied in an industry-standard
.280 stud package.
PIN CONNECTION
BRANDING
SUTV040
ORDER CODE
SD4011
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Uni t
VCBO
Collector-Base Voltage
65
V
VCES
Collector-Emitter Voltage
65
V
VEBO
Emitter-Base Voltage
3.5
V
IC
Device Current
1.59
A
PDISS
Power Dissipation
31.8
W
TJ
Junction Temperature
+200
°C
TSTG
Storage Temperature
− 65 to +150
°C
RTH(j-c)
Junction-Case Thermal Resistance
5.5
°C/W
SD4011
1. Collector
3. Base
2. Emitter
4. Emitter
THERMAL DATA
November 1992
1/5


Similar Part No. - SD4011

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD4010 STMICROELECTRONICS-SD4010 Datasheet
70Kb / 5P
RF & MICROWAVE TRANSISTORS UHF TV LINEAR APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
SD4012 ADPOW-SD4012 Datasheet
106Kb / 3P
RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
logo
STMicroelectronics
SD4013 STMICROELECTRONICS-SD4013 Datasheet
50Kb / 5P
RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
Nov-1992
SD4017 STMICROELECTRONICS-SD4017 Datasheet
87Kb / 7P
RF & MICROWAVE TRANSISTORS 806-960 MHz CELLULAR BASE STATIONS
19-Jul-1994
logo
SHIELD s.r.l.
SD401N700100 SHIELD-SD401N700100 Datasheet
512Kb / 4P
SD40 distribution box, L-left profile M12-A sockets, built-in control cable
More results

Similar Description - SD4011

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1437 STMICROELECTRONICS-SD1437 Datasheet
34Kb / 3P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
13-Jun-1995
SD1439 STMICROELECTRONICS-SD1439 Datasheet
33Kb / 3P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
13-Jun-1995
SD1448 STMICROELECTRONICS-SD1448 Datasheet
71Kb / 6P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
Nov-1992
SD4010 STMICROELECTRONICS-SD4010 Datasheet
70Kb / 5P
RF & MICROWAVE TRANSISTORS UHF TV LINEAR APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS1501 ADPOW-MS1501 Datasheet
97Kb / 3P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
MS1502 ADPOW-MS1502 Datasheet
97Kb / 3P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
MS1508 ADPOW-MS1508 Datasheet
115Kb / 3P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
MS1512 ADPOW-MS1512 Datasheet
97Kb / 3P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
MS1581 ADPOW-MS1581 Datasheet
96Kb / 3P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
MS1582 ADPOW-MS1582 Datasheet
119Kb / 3P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com