Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4098B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4098B
Description  DUAL MONOSTABLE MULTIVIBRATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4098B Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4098B Datasheet HTML 1Page - STMicroelectronics HCF4098B Datasheet HTML 2Page - STMicroelectronics HCF4098B Datasheet HTML 3Page - STMicroelectronics HCF4098B Datasheet HTML 4Page - STMicroelectronics HCF4098B Datasheet HTML 5Page - STMicroelectronics HCF4098B Datasheet HTML 6Page - STMicroelectronics HCF4098B Datasheet HTML 7Page - STMicroelectronics HCF4098B Datasheet HTML 8Page - STMicroelectronics HCF4098B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
September 2001
s
RETRIGGERABLE/RESETTABLE
CAPABILITY
s
TRIGGER AND RESET PROPAGATION
DELAYS INDEPENDENT OF RX, CX
s
TRIGGERING FROM LEADING OR
TRAILING EDGE
s
Q AND Q BUFFERED OUTPUT AVAILABLE
s
SEPARATE RESETS
s
WIDE RANGE OF OUTPUT PULSE WIDTHS
s
QUIESCENT CURRENT SPECIFIED UP TO
20V
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD = 18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B " STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
The HCF4098B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
The
HCF4098B
dual
precision
monostable
multivibrator
provides
stable
retriggerable/
resettable one-shot operation for any fixed voltage
timing application. An external resistor (RX) and
an external capacitor (CX) control the timing for
the circuit. Adjustment of RX and CX provides a
wide range of output pulse widths from the Q and
Q terminals. The time delay from trigger input to
output transition (trigger propagation delay) and
the time delay from reset input to output transition
(reset propagation delay) and the time delay from
reset input to output transition (reset propagation
delay) are independent of RX and CX. Leading
edge triggering (+TR) and trailing edge triggering
(-TR) inputs are provided for triggering from either
edge of an input pulse. An unused +TR input
should be tied to VSS. An unused -TR input should
be tied to VDD . A RESET (on low level) is provided
for immediate termination of the output pulse or to
prevent output pulses when power is turned on.
HCF4098B
DUAL MONOSTABLE MULTIVIBRATOR
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4098BEY
SOP
HCF4098BM1
HCF4098M013TR
DIP
SOP


Similar Part No. - HCF4098B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4098B STMICROELECTRONICS-HCF4098B Datasheet
324Kb / 14P
DUAL MONOSTABLE MULTIVIBRATOR
Jun-1989
HCF4098BC1 STMICROELECTRONICS-HCF4098BC1 Datasheet
324Kb / 14P
DUAL MONOSTABLE MULTIVIBRATOR
Jun-1989
HCF4098BEY STMICROELECTRONICS-HCF4098BEY Datasheet
324Kb / 14P
DUAL MONOSTABLE MULTIVIBRATOR
Jun-1989
HCF4098BEY STMICROELECTRONICS-HCF4098BEY Datasheet
236Kb / 10P
DUAL MONOSTABLE MULTIVIBRATOR
Sep-2001
HCF4098BM1 STMICROELECTRONICS-HCF4098BM1 Datasheet
324Kb / 14P
DUAL MONOSTABLE MULTIVIBRATOR
Jun-1989
More results

Similar Description - HCF4098B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
Dual Monostable Multivibrator
MM54C221 NSC-MM54C221 Datasheet
148Kb / 6P
Dual Monostable Multivibrator
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B Datasheet
104Kb / 8P
Dual monostable multivibrator
January 1995
logo
STMicroelectronics
HCC4098B STMICROELECTRONICS-HCC4098B Datasheet
324Kb / 14P
DUAL MONOSTABLE MULTIVIBRATOR
Jun-1989
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
DUAL MONOSTABLE MULTIVIBRATOR
logo
Toshiba Semiconductor
TC74HC221AP TOSHIBA-TC74HC221AP_07 Datasheet
478Kb / 13P
Dual Monostable Multivibrator
TC74VHC123AF TOSHIBA-TC74VHC123AF_07 Datasheet
318Kb / 15P
Dual Monostable Multivibrator
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B_15 Datasheet
180Kb / 17P
Dual monostable multivibrator
Rev. 7-22 November 2011
logo
Nexperia B.V. All right...
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
Dual monostable multivibrator
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
Dual monostable multivibrator
Rev. 11 - 4 March 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com