Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4098B Datasheet(PDF) 3 Page - STMicroelectronics

Part # HCF4098B
Description  DUAL MONOSTABLE MULTIVIBRATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4098B Datasheet(HTML) 3 Page - STMicroelectronics

  HCF4098B Datasheet HTML 1Page - STMicroelectronics HCF4098B Datasheet HTML 2Page - STMicroelectronics HCF4098B Datasheet HTML 3Page - STMicroelectronics HCF4098B Datasheet HTML 4Page - STMicroelectronics HCF4098B Datasheet HTML 5Page - STMicroelectronics HCF4098B Datasheet HTML 6Page - STMicroelectronics HCF4098B Datasheet HTML 7Page - STMicroelectronics HCF4098B Datasheet HTML 8Page - STMicroelectronics HCF4098B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
HCF4098B
3/10
TABLE 1 : Functional Terminal Connections
A Retriggerable one-shot multivibrator has an output pulse width which is extended on full time period (T) after application of the last trigger
pulse.
A Non-Retriggerable one-shot multivibrator has a time period (T) referenced from the application of the firs trigger pulse.
LOGIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied.
All voltage values are referred to VSS pin voltage.
FUNCTION
VDD to Term. N°
VSS to Term. N°
Input Pulse to
Term. N
°
Other Connections
Mono (1) Mono (2) Mono (1) Mono (2) Mono (1) Mono (2) Mono (1) Mono (2)
Leading Edge Trigger/
Retriggerable
3, 5
11, 13
4
12
Leading Edge Trigger/Non
Retriggerable
3
13
4
12
5, 7
11, 9
Trailing Edge Trigger/
Retriggerable
3
13
4
12
5
11
Trailing Edge Trigger/Non
Retriggerable
3
13
5
11
4, 6
12, 10
Unused Section
5
11
3, 4
12, 13
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
-0.5 to +22
V
VI
DC Input Voltage
-0.5 to VDD + 0.5
V
II
DC Input Current
± 10
mA
PD
Power Dissipation per Package
200
mW
Power Dissipation per Output Transistor
100
mW
Top
Operating Temperature
-55 to +125
°C
Tstg
Storage Temperature
-65 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com