Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD4100 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SD4100
Description  RF POWER TRANSISTORS UHF TV/LINEAR APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD4100 Datasheet(HTML) 1 Page - STMicroelectronics

  SD4100 Datasheet HTML 1Page - STMicroelectronics SD4100 Datasheet HTML 2Page - STMicroelectronics SD4100 Datasheet HTML 3Page - STMicroelectronics SD4100 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
Jun 2000
SD4100
RF POWER TRANSISTORS
UHF TV/LINEAR APPLICATIONS
M173
epoxy sealed
ORDER CODE
SD4100
BRANDING
SD4100
• 470 - 860 MHz
• 28 VOLTS
• CLASS AB PUSH PULL
• DESIGNED FOR HIGH POWER LINEAR
OPERATION
• HIGH SATURATED POWER CAPABILITY
• INTERNAL INPUT/OUTPUT MATCHING
NETWORKS PROVIDE HIGH BALANCED
IMPEDANCES FOR SIMPLIFIED CIRCUIT
DESIGN AND WIDE INSTANTANEOUS
BANDWIDTH
• GAIN = 8.5 dB MIN.
• POUT = 100 W MIN. CW
• POUT = 125 W PEAK SYNC
DESCRIPTION
The SD4100 is a gold metallized epitaxial silicon
NPN planar transistor using diffused emitter bal-
last resistors for high linearity Class AB operation
in UHF and Band IV, V television transmitters and
transposers.
PIN CONNECTION
1
3
2
1. Collector
2. Base
3. Emitter
1
2
ABSOLUTE MAXIMUM RATINGS (TCASE = 25 0C)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
65
V
VCEO
Collector-Emitter Voltage
32
V
VEBO
Emitter-Base Voltage
3.5
V
IC
Device Current
16
A
PDISS
Power Dissipation
220
W
TJ
Junction Temperature
+200
0C
TSTG
Storage Temperature
-65 to +150
0C
THERMAL DATA
Rth(j-c)
Junction-Case Thermal Resistance
0.8
0C/W


Similar Part No. - SD4100

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
SD4100 ASI-SD4100 Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - SD4100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1437 STMICROELECTRONICS-SD1437 Datasheet
34Kb / 3P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
13-Jun-1995
SD1439 STMICROELECTRONICS-SD1439 Datasheet
33Kb / 3P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
13-Jun-1995
SD1448 STMICROELECTRONICS-SD1448 Datasheet
71Kb / 6P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
Nov-1992
SD1456 STMICROELECTRONICS-SD1456 Datasheet
95Kb / 5P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
Nov-1992
SD4010 STMICROELECTRONICS-SD4010 Datasheet
70Kb / 5P
RF & MICROWAVE TRANSISTORS UHF TV LINEAR APPLICATIONS
Nov-1992
SD4011 STMICROELECTRONICS-SD4011 Datasheet
52Kb / 5P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS1501 ADPOW-MS1501 Datasheet
97Kb / 3P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
MS1502 ADPOW-MS1502 Datasheet
97Kb / 3P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
MS1512 ADPOW-MS1512 Datasheet
97Kb / 3P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
MS1581 ADPOW-MS1581 Datasheet
96Kb / 3P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com