Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD4100 Datasheet(PDF) 2 Page - STMicroelectronics

Part # SD4100
Description  RF POWER TRANSISTORS UHF TV/LINEAR APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD4100 Datasheet(HTML) 2 Page - STMicroelectronics

  SD4100 Datasheet HTML 1Page - STMicroelectronics SD4100 Datasheet HTML 2Page - STMicroelectronics SD4100 Datasheet HTML 3Page - STMicroelectronics SD4100 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SD4100
2/4
ELECTRICAL SPECIFICATION (TCASE = 25 0C)
STATIC
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
BVCBO
IC
= 40 mA
IE = 0 mA
65
---
---
V
BVCEO
IC
= 80 mA
IB = 0 mA
32
---
---
V
BVCER
IC
= 120 mA
RBE = 75 Ω
40
---
---
V
BVEBO
IE
= 20 mA
IC = 0 mA
3.5
---
---
V
ICEO
VCE = 28 V
IB = 0 mA
---
---
10
mA
hFE
VCE =
5 V
IC = 4 A
25
---
120
---
DYNAMIC
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
COB
f = 1 MHz
VCB = 28 V (each side)
COB is not measurable due to Internal Output Matching Network
---
50
---
pF
REF.1017623C
DYNAMIC (CW)
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
P1dB
f = 860 MHz
PREF = 25 W
VCC = 28 V
ICQ = 200 mA
100
---
---
W
GP
f = 860 MHz
POUT = 100 W
VCC = 28 V
ICQ = 200 mA
8.5
---
---
dB
η
C
f = 860 MHz
POUT = 100 W
VCC = 28 V
ICQ = 200 mA
55
---
---
%
Load
Mismatch
f = 860 MHz
POUT = 100 W
VCC = 28 V
ICQ = 200 mA
ALL PHASE ANGLES
3:1
---
---
VSWR
DYNAMIC (VIDEO - STANDARD BLACK LEVEL)
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
GP
f = 860 MHz
POUT = 125 W
VCC = 28 V
ICQ = 200 mA
8.5
---
---
dB
P1dB
f = 860 MHz
PREF = 25 W
VCC = 28 V
ICQ = 200 mA
125
---
---
W
P1dB
f = 860 MHz
PREF = 25 W
VCC = 32 V
ICQ = 100 mA
150
---
---
W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com