Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5715BCCZN-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF5715BCCZN-R7
Description  Silicon Digital Attenuator, 1-Bit, 1 MHz to 30 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5715BCCZN-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF5715BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5715BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5715BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5715BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5715BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5715BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5715BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5715BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5715BCCZN-R7 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Data Sheet
ADRF5715
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 10 of 14
INSERTION LOSS, RETURN LOSS, STATE ERROR, STEP ERROR, AND RELATIVE PHASE
VDD = 3.3 V, VSS = −3.3 V, VCTRL = 0 V or VDD, and TCASE = 25°C with a 50 Ω system, unless otherwise noted.
Figure 9. Insertion Loss vs. Frequency over Temperature
Figure 10. Input Return Loss vs. Frequency for All States
Figure 11. State Error vs. Frequency for All States
Figure 12. Normalized Attenuation vs. Frequency for All States
Figure 13. Output Return Loss vs. Frequency for All States
Figure 14. Relative Phase vs. Frequency for All States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com