Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5715BCCZN-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF5715BCCZN-R7
Description  Silicon Digital Attenuator, 1-Bit, 1 MHz to 30 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5715BCCZN-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF5715BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5715BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5715BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5715BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5715BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5715BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5715BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5715BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5715BCCZN-R7 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Data Sheet
ADRF5715
THEORY OF OPERATION
analog.com
Rev. 0 | 12 of 14
The ADRF5715 incorporates a 1-bit fixed attenuator array that
offers an attenuation range of 16 dB.
The ADRF5715 has a digital control input, D0, to select the desired
attenuation state in parallel mode, as shown in Figure 19. See
Table 7 for the truth table.
Table 7. Truth Table
Digital Control Input (D0)
Attenuation State (dB)
Low
0 (reference)
High
16
Figure 19. Simplified Circuit Diagram
RF INPUT AND OUTPUT
Both RF ports (ATTIN and ATTOUT) are DC-coupled to 0 V. No DC
blocking is required at the RF ports when the RF line potential is
equal to 0 V.
The RF ports are internally matched to 50 Ω. Therefore, external
matching components are not required.
The ADRF5715 supports bidirectional operation at the same power
level. The power handling of the ATTIN and ATTOUT ports are the
same. Refer to the RF power handling specifications in Table 1.
The ADRF5715 can operate with a single positive supply voltage
applied to the VDD pin, and the VSS pin connected to ground.
However, some performance degradations can occur in the input
compression and input third-order intercept (see Table 2).
POWER SUPPLY
The ADRF5715 requires a positive supply voltage applied to the
VDD pin and a negative supply voltage applied to the VSS pin.
Bypassing capacitors are recommended on the supply lines to filter
high frequency noise.
The ideal power-up sequence is as follows:
1. Connect GND.
2. Power up VDD and VSS. Power up VSS after VDD to avoid
current transients on VDD during ramp up.
3. Apply the digital control input. However, powering the digital
control input before the VDD supply can inadvertently forward
bias and damage the internal ESD protection structures. To
avoid this damage, use a series 1 kΩ resistor to limit the current
flowing into the control pin (D0). Use pull-up or pull-down
resistors if the controller output is in a high impedance state
after VDD is powered up and the D0 is not driven to a valid
logic state.
4. Apply an RF input signal to ATTIN or ATTOUT.
The ideal power-down sequence is the reverse order of the power-
up sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com