Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5716BCCZN-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADRF5716BCCZN-R7
Description  Silicon Digital Attenuator, 2-Bit, 100 MHz to 30 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5716BCCZN-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADRF5716BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5716BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5716BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5716BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5716BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5716BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5716BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5716BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5716BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Data Sheet
ADRF5716
SPECIFICATIONS
analog.com
Rev. 0 | 5 of 15
SINGLE-SUPPLY OPERATION
VDD = 3.3 V, VSS = 0 V, VCTRL = 0 V or VDD, and TCASE = 25°C with a 50 Ω system, unless otherwise noted. The small signal and bias
characteristics are maintained for the single-supply operation.
Table 2. Single-Supply Operation Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
f
100
30,000
MHz
SWITCHING
All attenuation states at PIN = 10 dBm
Rise Time and Fall Time
tRISE, tFALL
10% to 90% of RFOUT
100
ns
On Time and Off Time
tON, tOFF
50% triggered control to 90% of RFOUT
130
ns
RF Amplitude Settling Time
0.1 dB
50% triggered control to 0.1 dB of final RFOUT
400
ns
RF Phase Settling Time
f = 1 GHz
5°
50% triggered control to 5° of final RFOUT
1.2
μs
1°
50% triggered control to 1° of final RFOUT
1.25
μs
INPUT LINEARITY
100 MHz to 30 GHz
0.1 dB Power Compression
P0.1dB
Insertion Loss State
21
dBm
Other Attenuation States
21
dBm
Third-Order Intercept
IP3
Two-tone PIN = 20 dBm per tone, Δf = 1 MHz, all
attenuation states
Insertion Loss State
35
dBm
Other Attenuation States
36
dBm
RECOMMENDED OPERATING CONDITIONS
RF Power Handling
f = 100 MHz to 30 GHz, TCASE = 85°C
Input at ATTIN and ATTOUT
Average
18
dBm
Peak
18
dBm
Hot switching
18
dBm
Case Temperature
TCASE
−40
+105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com