Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5716BCCZN-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADRF5716BCCZN-R7
Description  Silicon Digital Attenuator, 2-Bit, 100 MHz to 30 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5716BCCZN-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADRF5716BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5716BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5716BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5716BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5716BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5716BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5716BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5716BCCZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5716BCCZN-R7 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Data Sheet
ADRF5716
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 14 of 15
The RF transmission lines are designed using a coplanar wave-
guide (CPWG) model, with a trace width of 16 mil and ground
clearance of 6 mil for a characteristic impedance of 50 Ω. For
optimal RF and thermal grounding, arrange as many through vias
as possible around the transmission lines and under the exposed
pad of the package.
The RF input and output ports (ATTIN and ATTOUT) are connected
through 50 Ω transmission lines. On the VDD and VSS supply
traces, a 100 pF bypass capacitor filters high-frequency noise.
Figure 21 shows the simplified application circuit for the ADRF5716.
Figure 21. Simplified Application Circuit
RECOMMENDATIONS FOR PRINTED CIRCUIT
BOARD DESIGN
The RF ports are matched to 50 Ω internally, and the pinout is
designed to mate a CPWG with a 50 Ω characteristic impedance on
the PCB. Figure 22 shows the referenced CPWG RF trace design
for an RF substrate with 12 mil thick Rogers RO4003 dielectric
material. The RF trace with a 16 mil width and a 6 mil clearance is
recommended for 2.2 mil finished copper thickness.
POWER, SIGNAL, AND GROUND PLANES
0.5oz Cu (0.7mil)
1.5oz Cu (2.2mil)
1.5oz Cu (2.2mil)
1.5oz Cu (2.2mil)
W = 16mil
G = 6mil
T = 2.2mil
H = 12mil
RO4003
Figure 22. Example PCB Stackup
Figure 23 shows the routing of the RF traces, supply, and control
signals from the ADRF5716. The ground planes are connected with
as many filled through vias as allowed for optimal RF and thermal
performance. The primary thermal path for the device is the bottom
side.
Figure 23. PCB Routings
Figure 24 shows the recommended layout from the ATTIN and
ATTOUT pins of the ADRF5716 to the 50 Ω CPWG on the refer-
enced stackup. The PCB pads are drawn 1:1 to device pads. The
ground pads are drawn solder mask defined, and the signal pads
are drawn as pad defined. The RF trace from the PCB pad is
extended with the same width, 2 mils, and tapered with a 90° angle.
The paste mask is also designed to match the pad without any
aperture reduction. The paste is divided into multiple openings for
the paddle.
Figure 24. Recommended ATTIN Pin and ATTOUT Pin Transitions
For alternate PCB stackups with different dielectric thickness and
CPWG design, contact Analog Devices, Inc., Technical Support
Request for further recommendations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com