Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-CM409F Datasheet(PDF) 64 Page - Analog Devices

Part # ADSP-CM409F
Description  Mixed-Signal Control Processor with ARM Cortex-M4 and 16-Bit ADCs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-CM409F Datasheet(HTML) 64 Page - Analog Devices

Back Button ADSP-CM409F Datasheet HTML 60Page - Analog Devices ADSP-CM409F Datasheet HTML 61Page - Analog Devices ADSP-CM409F Datasheet HTML 62Page - Analog Devices ADSP-CM409F Datasheet HTML 63Page - Analog Devices ADSP-CM409F Datasheet HTML 64Page - Analog Devices ADSP-CM409F Datasheet HTML 65Page - Analog Devices ADSP-CM409F Datasheet HTML 66Page - Analog Devices ADSP-CM409F Datasheet HTML 67Page - Analog Devices ADSP-CM409F Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 124 page
background image
Rev. A
|
Page 64 of 124
|
November 2015
ADSP-CM402F/CM403F/CM407F/CM408F/CM409F
SPECIFICATIONS
For information about product specifications, contact your Analog Devices representative.
OPERATING CONDITIONS
Clock Related Operating Conditions
Table 27 describes the core clock, system clock, and peripheral clock timing requirements. The data presented in the tables applies to all
speed grades found in the Ordering Guide on Page 124 except where expressly noted. Figure 10 provides a graphical representation of the
various clocks and their available multiplier or divider values.
Parameter
Test Conditions/Comments
Min
Nominal
Max
Unit
VDD_INT
Digital Internal Supply Voltage fCCLK ≤ 240 MHz
1.14
1.2
1.26
V
VDD_EXT
1
1 Must remain powered (even if the associated function is not used).
Digital External Supply Voltage
3.13
3.3
3.47
V
VDD_ANA
1
Analog Supply Voltage
3.13
3.3
3.47
V
VIH
2
2 Parameter value applies to all input and bidirectional signals except TWI signals and USB0 signals.
High Level Input Voltage
VDD_EXT = 3.47 V
2.0
V
VIH_CLKIN
3
3 Parameter applies to SYS_CLKIN signal.
High Level Input Voltage
VDD_EXT = 3.47 V
2.2
V
VIHTWI
4, 5
4 Parameter applies to TWI_SDA and TWI_SCL.
5 TWI signals are pulled up to V
BUSTWI. See Table 26.
High Level Input Voltage
VDD_EXT = 3.47 V
0.7 × VVBUSTWI
VVBUSTWI
V
VIL
2
Low Level Input Voltage
VDD_EXT = 3.13 V
0.8
V
VILTWI
4, 5
Low Level Input Voltage
VDD_EXT = 3.13 V
0.3 × VVBUSTWI
V
TJ
Junction Temperature
TAMBIENT = –40°C to +105°C
–40
+125
°C
Table 26. TWI_VSEL Selections and VDD_EXT/VBUSTWI
TWI_DT Setting
VDD_EXT Nominal
VBUSTWI Min
VBUSTWI Nom
VBUSTWI Max
Unit
TWI000
1
1 Designs must comply with the VDD_EXT and VBUSTWI voltages specified for the default TWI_DT setting for correct JTAG boundary scan operation during reset.
3.30
3.13
3.30
3.47
V
TWI100
3.30
4.75
5.00
5.25
V
Figure 10. Clock Relationships and Divider Values
SYS_CLKIN
USBCLK
SCLK
CCLK
CSEL
÷(1-31)
SSEL
÷(1-31)
DSEL
÷(1-31)
OCLK
OSEL
÷(1-127)
PLLCLK
MSEL
×(1-127)
DF
÷1 or ÷2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com