Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S10A015 Datasheet(PDF) 1 Page - STMicroelectronics

Part # S10A015
Description  RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S10A015 Datasheet(HTML) 1 Page - STMicroelectronics

  S10A015 Datasheet HTML 1Page - STMicroelectronics S10A015 Datasheet HTML 2Page - STMicroelectronics S10A015 Datasheet HTML 3Page - STMicroelectronics S10A015 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRELIMINARY DATA
GENERAL PURPOSE LINEAR APPLICATIONS
RF & MICROWAVE TRANSISTORS
. 280 4L STUD (M122)
epoxy sealed
.
GOLD METALLIZATION
.
EMITTER SITE BALLASTING
.
INTERNAL INPUT MATCHING
.
OVERLAY GEOMETRY
.
METAL/CERAMIC PACKAGE
.
COMMON EMITTER CONFIGURATION
.
POUT
= 1.5 W MIN. WITH 9.5 dB GAIN
DESCRIPTION
The SD5000 is a NPN Silicon Transistor designed
for high gain linear performance at 1000 MHz.
This part uses gold metallized die and polysilicon
site ballasting to achieve high reliability and rug-
gedness.
The SD5000 can be used for applications such
as Telecommunications, Radar, ECM, Space and
other commercial and military systems.
PIN CONNECTION
BRANDING
S10A015
ORDER CODE
SD5000
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Uni t
VCBO
Collector-Base Voltage
50
V
VCES
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
3.5
V
IC
Device Current
1.0
A
PDISS
Power Dissipation
7.0
W
TJ
Junction Temperature
+200
°C
TSTG
Storage Temperature
− 65 to +150
°C
RTH(j-c)
Junction-Case Thermal Resistance
25
°C/W
SD5000
1. Collector
3. Base
2. Emitter
4. Emitter
THERMAL DATA
November 1992
1/4


Similar Part No. - S10A015

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S10A MCC-S10A Datasheet
648Kb / 2P
10.0 Amp Standard Recovery Rectifier 50 to 1000 Volts
S10A MCC-S10A Datasheet
300Kb / 4P
10 Amp Silicon Rectifier 50 to 1000 Volts
logo
Microdiode Semiconducto...
S10A CHENDA-S10A Datasheet
810Kb / 3P
SURFACE MOUNT GENERAL RECTIFIER
logo
SUNMATE electronic Co.,...
S10A SUNMATE-S10A Datasheet
417Kb / 3P
SURFACE MOUNT RECTIFIER DIODES
logo
DONGGUAN YOU FENG WEI E...
S10A YFWDIODE-S10A Datasheet
522Kb / 3P
SURFACE MOUNT GENERAL RECTIFIER
More results

Similar Description - S10A015

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MSC80185 STMICROELECTRONICS-MSC80185 Datasheet
108Kb / 6P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
Oct-1992
MSC80186 STMICROELECTRONICS-MSC80186 Datasheet
109Kb / 6P
GENERAL PURPOSE LINEAR APPLICATIONS RF & MICROWAVE TRANSISTORS
MSC80195 STMICROELECTRONICS-MSC80195 Datasheet
108Kb / 6P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
MSC80196 STMICROELECTRONICS-MSC80196 Datasheet
108Kb / 6P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
Oct-1992
MSC80197 STMICROELECTRONICS-MSC80197 Datasheet
123Kb / 6P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
MSC82040 STMICROELECTRONICS-MSC82040 Datasheet
136Kb / 6P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
Oct-1992
MSC82100 STMICROELECTRONICS-MSC82100 Datasheet
86Kb / 6P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
Oct-1992
SD1855 STMICROELECTRONICS-SD1855 Datasheet
51Kb / 3P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS3011 ADPOW-MS3011 Datasheet
352Kb / 3P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
MSC80064 ADPOW-MSC80064 Datasheet
147Kb / 3P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com