Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE-12MH Datasheet(PDF) 1 Page - Mini-Circuits

Part # ADE-12MH
Description  Frequency Mixer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADE-12MH Datasheet(HTML) 1 Page - Mini-Circuits

  ADE-12MH Datasheet HTML 1Page - Mini-Circuits ADE-12MH Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NE
W
Level 13 (LO Power +13 dBm) 10 to 1200 MHz
Frequency Mixer
Surface Mount
CASE STYLE: CD542
PRICE: $6.45 ea. QTY (10-49)
Demo Board MCL P/N: TB-03
Suggested PCB Layout (PL-052)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
LO
6
RF
3
IF
2
GROUND
1,4,5
Outline Drawing
Electrical Specifications
REV. D
M102713
ADE-12MH
ED-7607/1
DJ/TD/CP/AM
070412
Page 1 of 2
1 dB COMP.: +9 dBm typ.
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
IF
Mid-Band
m
Total
Range
Max.
L
M
U
L
M
U
f
L-fU
—
X
σ
Max.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ.
10-1200
DC-1200
6.3
0.10
8.0
8.5
62 45
45 32
40 26
68 40
42 27
30 20
22
A
B
C
D
E
F
G
.272
.310
.220
.100
.112
.055
.100
6.91
7.87
5.59
2.54
2.84
1.40
2.54
H
J
K
L
wt
.030
.026
.065
.300
grams
0.76
0.66
1.65
7.62
0.20
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+13dBm
LO
+13dBm
LO
+13dBm
LO
+13dBm
LO
+13dBm
Typical Performance Data
Electrical Schematic
ADE-12MH
ADE-12MH+
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
m= mid band [2f
L to fU/2]
10.00
40.00
6.42
66.67
60.68
1.54
1.59
15.00
45.00
6.45
65.33
59.84
1.52
1.59
20.00
50.00
6.41
64.50
59.34
1.54
1.56
40.00
70.00
6.40
62.00
56.67
1.55
1.52
70.00
100.00
6.50
58.50
54.67
1.52
1.46
105.74
135.74
6.48
56.16
53.17
1.54
1.48
150.00
180.00
6.56
53.49
52.50
1.56
1.50
210.97
240.97
6.44
51.17
55.51
1.56
1.50
316.21
346.21
6.49
48.50
49.00
1.61
1.50
421.45
451.45
6.61
47.17
44.16
1.62
1.49
526.68
556.68
6.63
45.33
39.67
1.65
1.51
570.00
600.00
6.78
44.67
38.33
1.74
1.56
600.00
630.00
6.77
44.67
38.01
1.73
1.54
737.16
767.16
7.05
45.33
37.17
1.77
1.49
842.40
872.40
7.74
43.17
35.66
1.95
1.46
947.63
977.63
6.98
40.83
32.34
2.07
1.45
1000.00
1030.00
6.54
40.33
30.99
2.10
1.36
1052.87
1082.87
6.37
39.50
29.83
2.13
1.28
1170.00
1200.00
6.60
37.67
29.34
2.28
1.12
1200.00
1230.00
6.70
37.00
29.34
2.41
1.09
Features
• low conversion loss, 6.3 dB typ.
• good L-R isolation, 45 dB typ.;
L-I isolation, 42 dB typ.
• low profile package
• aqueous washable
• protected by U.S. Patent 6,133,525
Applications
• cellular
• VHF/UHF receivers
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
200mW
IF Current
40mA
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications.


Similar Part No. - ADE-12MH

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-12 MINI-ADE-12 Datasheet
283Kb / 2P
Frequency Mixer
ADE-12+ MINI-ADE-12+ Datasheet
283Kb / 2P
Frequency Mixer
ADE-12H MINI-ADE-12H Datasheet
299Kb / 2P
low conversion loss, 6.7 dB typ
ADE-12H+ MINI-ADE-12H+ Datasheet
299Kb / 2P
low conversion loss, 6.7 dB typ
More results

Similar Description - ADE-12MH

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-10MH MINI-ADE-10MH Datasheet
47Kb / 1P
Frequency Mixer
HJK-20VH MINI-HJK-20VH Datasheet
193Kb / 2P
Frequency Mixer
ADE-1 MINI-ADE-1 Datasheet
231Kb / 2P
Frequency Mixer
MBA-9 MINI-MBA-9 Datasheet
60Kb / 1P
Frequency Mixer
ADE-92 MINI-ADE-92 Datasheet
608Kb / 3P
Frequency Mixer
ADE-92MH MINI-ADE-92MH Datasheet
465Kb / 3P
Frequency Mixer
VAY-1 MINI-VAY-1 Datasheet
213Kb / 2P
Frequency Mixer
ZAD-11H MINI-ZAD-11H Datasheet
288Kb / 2P
Frequency Mixer
ZFM-3H MINI-ZFM-3H Datasheet
261Kb / 2P
Frequency Mixer
ZFM-4 MINI-ZFM-4 Datasheet
264Kb / 2P
Frequency Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com