Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C7-A20DX/024VDC. Datasheet(PDF) 1 Page - Turck, Inc.

Part # C7-A20DX/024VDC.
Description  General purpose Two pole, change-over contacts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

C7-A20DX/024VDC. Datasheet(HTML) 1 Page - Turck, Inc.

  C7-A20DX/024VDC. Datasheet HTML 1Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
QRC
www.turck.us
•
1-800-544-7769
•
Fax: (763) 553-0708
•
TURCK Inc. Minneapolis, MN 55441
B1201
39
2-Pole, Miniature Power Plug-In Relay
C7-A20
General purpose
Two pole, change-over contacts
10 A 250 V AC1
0.5 A 110 V DC1
10 A 30 V
DC1
0.2 A 220 V DC1
Contacts
Materials:
Standard, code 0
AgNi
Optional, code 8
AgNi + 10µ Au
Optional, code 9
AgNi + 0.2µ Au
Max. switching current
10 A
Max. peak inrush current (20 ms)
30 A
Max. switching voltage
250 V
Max. AC load (Table 1)
2.5 KVA
Max. DC load (Table 2)
IEC 61810
EN 60947
Lloyd´s
AC1
Cos
0.4
0.5
1
1.5
2
2.5
KVA
0.1
1
10
DC1
DC13
DC1
L/R 40ms
50
100
150
200
Volts
0.1
1
10
4.75
FASTON .187
FASTON .187
21
1
3
5
7
A
2
4
6
8
B
5
6
1 3
2 4
21
24
22
14
12
11
7
A1(+)
A2
8
Table 1
Electrical Life, ops. x 106
Table 2
Max. DC Load
Dimensions - mm
Relay compatible
with sockets:
S7-M, S7-L, S7-P,
S7-PO, S7-PI
Insulation
Dielectric strength (1 minute): Open contacts
1,000 V
Between adjacent poles
2.5 KV
Between contacts and coil
2.5 KV
Isolation resistance at 500 V
≥1 GΩ
Isolation, IEC 61810-5:
2.5 KV/3
Specifications
Operate time + bounce time
16 ms
Release time + bounce time
8 ms
Ambient temperature
-40
°C (no ice) to +70°C
Mechanical life ops.
10 Mill. AC, 20 Mill. DC relays
Electrical life at nominal load
≥100,000 ops.
Operating frequency at nominal load
1,200/hour
Protection degree
IP 40/RT1
Weight avg.
43 g
Standard Types
AC 50 Hz, (60 Hz): 24, 48, 72, 115, (120), 230, (240)
X = LED (standard)
C7-A20X........VAC
DC 12, 24, 48, 72, 110,
X = LED, no polarity (standard)
C7-A20X....... VDC
Free-wheeling diode
C7-A20DX .... VDC
Polarity and free-wheeling diodes
C7-A20FX..... VDC
AC/DC bridge rectifier (24, 48 or 60 V) C7-A20BX .... VDC
Coils (Ohms ±10% @ 20°C)
Pull-in voltage
≤0.8 x Un
Drop-out voltage
≥0.1 x Un
Nominal coil power
1.2 VA (AC)/1 W (DC)
VAC
Ω
mA
VDC
Ω
mA
24
174
50
12
148
85
48
686
25
24
594
43
115
4K3
10.4
48
2k3
21
230
18K6
5.2
110
11K4
11


Similar Part No. - C7-A20DX/024VDC.

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
C7-C8 RENESAS-C7-C8 Datasheet
568Kb / 16P
Sample Program (Lux Meter)
More results

Similar Description - C7-A20DX/024VDC.

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8805 RICHTEK-RT8805 Datasheet
377Kb / 15P
Two Phase General Purpose PWM Controller
RT8805C RICHTEK-RT8805C Datasheet
380Kb / 18P
Two Phase General Purpose PWM Controller
logo
celduc-relais
F72C CELDUC-F72C Datasheet
144Kb / 2P
REED RELAY / 2 CHANGE OVER MERCURY CONTACTS
R072 CELDUC-R072 Datasheet
91Kb / 2P
REED RELAY / 2 CHANGE OVER MERCURY CONTACTS
logo
Cherry Semiconductor Co...
0012-0023 CHERRY-0012-0023 Datasheet
784Kb / 3P
GENERAL PURPOSE - SINGLE POLE
E1901A CHERRY-E1901A Datasheet
158Kb / 3P
GENERAL PURPOSE ??SINGLE & DOUBLE POLE ESeries
E19-50K CHERRY-E19-50K Datasheet
338Kb / 3P
GENERAL PURPOSE ??DOUBLE POLE
logo
ZF Friedrichshafen AG
E13 ZFSWITCHES-E13 Datasheet
307Kb / 3P
Single Pole General Purpose
E19 ZFSWITCHES-E19 Datasheet
532Kb / 3P
Double Pole General Purpose
logo
ABB
OT40F3C ABB-OT40F3C Datasheet
101Kb / 3P
CHANGE-OVER SWITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com