Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFPAGS2SAWY Datasheet(PDF) 3 Page - PANDUIT CORP.

Part # CFPAGS2SAWY
Description  Network Infrastructure for the Enterprise
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CFPAGS2SAWY Datasheet(HTML) 3 Page - PANDUIT CORP.

  CFPAGS2SAWY Datasheet HTML 1Page - PANDUIT CORP. CFPAGS2SAWY Datasheet HTML 2Page - PANDUIT CORP. CFPAGS2SAWY Datasheet HTML 3Page - PANDUIT CORP. CFPAGS2SAWY Datasheet HTML 4Page - PANDUIT CORP. CFPAGS2SAWY Datasheet HTML 5Page - PANDUIT CORP. CFPAGS2SAWY Datasheet HTML 6Page - PANDUIT CORP. CFPAGS2SAWY Datasheet HTML 7Page - PANDUIT CORP. CFPAGS2SAWY Datasheet HTML 8Page - PANDUIT CORP. CFPAGS2SAWY Datasheet HTML 9Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TM
3
Network Infrastructure for the Enterprise
www.panduit.com
For service and technical support, call 1-800-PANDUIT.
PUL5504WH-EY
Copper Cable
Part Number
Description
UOM
MOQ
(Reels)
Unshielded
PUL5504WH-EY
Enhanced Category 5e, 4-pair, 24 AWG, UTP, LSZH, White.
M
24
PUL6004WH-EY
Enhanced Category 6, 4-pair, 23 AWG, UTP, LSZH, White.
M
18
PUL6C04BU-KE
Category 6, 4-pair, 24 AWG, UTP, LSZH, Blue.
M
30
PUL6AM04WH-CEG Category 6A Advanced MaTriX, 4-pair, 23 AWG, UTP, LSZH,
White.
M
18
PUL6ASD04WH-EG Enhanced Category 6A, small diameter, 4-pair, 26 AWG, UTP,
LSZH, White.
M
18
Shielded
PFL5504WH-KG
Category 5e, shielded, 4-pair, 23 AWG, F/UTP, LSZH, White.
M
30
PFL6X04WH-CEG
Category 6A, shielded, 4-pair, 23 AWG, F/UTP, LSZH, White.
M
18
PFFL6X04WH-CED
Category 6A, shielded, 4-pair, 23 AWG, F/FTP, LSZH, White.
M
12
PUFL6X04WH-KD
Category 6A, shielded, 4-pair, 23 AWG, U/UTP, LSZH, White
M
18
PSL7004WH-KD
Category 7, shielded, 4-pair, 23 AWG, S/FTP, LSZH, White.
M
12
Note: F/UTP means Foil around Unshielded Twisted Pairs = shielded cable.
LSZH means Low Smoke Zero Halogen.
PFFL6X04WH-CED
< Previous Page Table of Contents Next Page >
RJ45 Patch Cords‡
UTP6ASD*M**
*Patch cords shown in WH (White) or IG (International Gray). For BU (Blue) patch cords, add BU (Blue) to end of part number.
Ex: UTP6ASD1MBU or STP6X3MBU.
‡Patch cords are available in 1m, 2m, 3m, or 5m (8 inch patch cord only available in UTP28SP8IN).
For additional lengths, contact Customer Service.
UTP6ASD*
UTPSP*
Part Number
Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Category 6A CM*
UTP6ASD1M
Category 6A 26 AWG patch cord, CM, White, 1m.
1
10
Category 6A LSZH*
UTP6ASDL1M
Category 6A (SD), patch cord, LSZH, White, 1m.
1
10
Category 6 LSZH*
UTPSPL1MY
Category 6, UTP, LSZH patch cord with TX6™ PLUS Modular Plugs
on each end. White, 1 m.
1
10
Category 6 28 AWG*
UTP28SP1M
Category 6, UTP, 28 AWG, patch cord with TX6™ Modular Plugs on
each end. White, 1 m.
1
10
Cat 6A UTP Zone
UZPLWH10M
Category 6A UTP, 23 AWG, zone cord LSZH, White, plug to plug,
10 m.
1
10
UZJLWH10MBL
Category 6A UTP, 23 AWG, zone cord LSZH, White, plug to black
jack, 10 m.
1
10
Category 6A Shielded*
STP6X1MIG
Category 6A, 10 GbE UTP, LSZH shielded patch cord with TX6A™
10Gig™ Modular Plugs on each end. International Gray, 1m.
1
10
Patch Cord Bands
PCBAND**-Q
Snaps onto individual patch cable for additional color-coding.
25
250
PCBAND**-Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com