Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFPAGS2SAWY Datasheet(PDF) 4 Page - PANDUIT CORP.

Part # CFPAGS2SAWY
Description  Network Infrastructure for the Enterprise
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CFPAGS2SAWY Datasheet(HTML) 4 Page - PANDUIT CORP.

  CFPAGS2SAWY Datasheet HTML 1Page - PANDUIT CORP. CFPAGS2SAWY Datasheet HTML 2Page - PANDUIT CORP. CFPAGS2SAWY Datasheet HTML 3Page - PANDUIT CORP. CFPAGS2SAWY Datasheet HTML 4Page - PANDUIT CORP. CFPAGS2SAWY Datasheet HTML 5Page - PANDUIT CORP. CFPAGS2SAWY Datasheet HTML 6Page - PANDUIT CORP. CFPAGS2SAWY Datasheet HTML 7Page - PANDUIT CORP. CFPAGS2SAWY Datasheet HTML 8Page - PANDUIT CORP. CFPAGS2SAWY Datasheet HTML 9Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Network Infrastructure for the Enterprise
TM
Order number of pieces required, in multiples of Standard Package Quantity.
4
< Previous Page Table of Contents Next Page >
RJ45 Jack Module
Part Number
Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Unshielded
Category 6A
CJ6X88TGIW*
Category 6A RJ45 UTP Mini-Com™ Jack, Off White.
1
50
Category 6
CJ688TGIW
Category 6 RJ45 UTP Mini-Com™ Jack, International White.
1
50
Category 5e
CJ5E88TGRD
Category 5e RJ45 UTP Mini-Com™ Jack, Red.
1
50
Shielded
CJS6X88TGY
Category 6A shielded RJ45 UTP Mini-Com™ Jack, Black module.
1
50
CJS688TGY
Category 6 shielded RJ45 UTP Mini-Com™ Jack, Black module.
1
50
CJS5E88TGY
Category 5e shielded RJ45 UTP Mini-Com™ Jack, Black module.
1
50
Modular Plug
SP688-C
Category 6, 24 AWG UTP modular plug.
100 1000
CJ6X88TGBL
CJ688TGBU
Patch Panels, Kits, and Accessories
Part Number
Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Shielded
CP24BLY
24-port all metal modular patch panel, 1 RU.
1
1
CPA24BLY
24-port angled all metal modular patch panel, 1 RU.
1
1
CP24WSBLY
24-port all metal modular patch panel with strain relief bar, 1 RU.
1
1
CP48BLY
48-port all metal modular patch panel, 2 RU.
1
1
CPA48BLY
48-port angled all metal modular patch panel, 2 RU.
1
1
CP48WSBLY
48-port all metal modular patch panel with strain relief bar, 2 RU.
1
1
CP48HDBL
48-port shielded high-density modular patch panel, 1 RU.
1
1
CPA48HDBL
48-port angled shielded high-density modular patch panel, 1 RU.
1
1
Unshielded
CPP24WBLY
24-port patch panel supplied with six (6) factory installed CFFP4 type
front removable snap-in faceplates.
1
1
CPPL24WBLY
24-port patch panel with labels supplied with six (6) factory installed
CFFP4 type front removable snap-in faceplates.
1
1
CPP24FMWBLY
24-port flush mount patch panel supplied with rear mounted faceplates.
1
1
CPPLA24WBLY
24-port angled patch panel with labels supplied with six (6) factory
installed CFFP4 type front removable snap-in faceplates.
1
1
CPPA24FMWBLY 24-port angled flush mount patch panel supplied with rear
mounted faceplates.
1
1
CPPL48WBLY
48-port patch panel with labels supplied with twelve (12) factory in-
stalled CFFPL4 type front removable snap-in faceplates.
1
1
CPP48FMWBLY
48-port flush mount patch panel supplied with rear mounted faceplates.
1
1
CPPLA48WBLY
48-port angled patch panel with labels supplied with twelve (12) factory
installed CFFPL4 type front removable snap-in faceplates.
1
1
CPPA48FMWBLY 48-port angled flush mount patch panel supplied with rear
mounted faceplates.
1
1
CPP48HDWBLY
48-port high density patch panel supplied with rear mounted faceplates.
1
1
CPPA48HDWBLY 48-port angled high density patch panel supplied with rear
mounted faceplates.
1
1
CPP24FMWBLY
CPP48HDWBLY
CP24BLY
CP48HDBL
CPPA48HDWBLY
CPA48BLY
*RJ45 Jack Modules listed in IW (Off White). For other colors, replace IW with: BL (Black), BU (Blue), GR (Green),
YL (Yellow), or RD (Red).
CJS6X88TGY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com