Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMB962 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RMB962
Description  miniature relays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RMB962 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RMB962 Datasheet HTML 1Page - List of Unclassifed Manufacturers RMB962 Datasheet HTML 2Page - List of Unclassifed Manufacturers RMB962 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.relpol.com.pl
Export Sales Department Phone +48 68 47 90 832 • Marketing Department Phone +48 68 47 90 900
RMB962
miniature relays
Supplying mode: energizing only in pulse mode. Min. pulse duration 10 ms; max. pulse duration 5 s.
Relays RMB962 (raster A (3,2 / 5,0 mm)) are designed for direct PCB mounting.
Mounting
1 C/O - raster A (3,2 mm)
1 NO - raster A (5,0 mm)
Mounting openings raster ❶
❶
❶
❶
❶
(solder side view)
1 C/O - raster A (3,2 mm)
1 NO - raster A (5,0
mm)
1 C/O - raster A (3,2 mm)
1 NO - raster A (5,0 mm)
Two coils circuit
Terminals raster: type A
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com