Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMB962 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RMB962
Description  miniature relays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RMB962 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RMB962 Datasheet HTML 1Page - List of Unclassifed Manufacturers RMB962 Datasheet HTML 2Page - List of Unclassifed Manufacturers RMB962 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.relpol.com.pl
Export Sales Department Phone +48 68 47 90 832 • Marketing Department Phone +48 68 47 90 900
1 C/O, 1 NO
AgSnO2, AgCdO, AgCdO/Au 3,5 µm
400 V / 300 V
24 V AgSnO2, 24 V AgCdO
AgCdO/Au 3,5 µm - contact Relpol S.A.
8 A / 250 V AC
100 mA AgSnO2, 100 mA AgCdO
AgCdO/Au 3,5 µm - contact Relpol S.A.
10 A
8 A
2 000 VA
2,4 W AgSnO2, 2,4 W AgCdO
AgCdO/Au 3,5 µm - contact Relpol S.A.
≤ 100 mΩ
3 600 cycles/hour
20 000 cycles/hour
3...24 V ❷
see Table 1
min. 10 ms;
max. 5 s
C250
250 V AC
400 V AC
4 000 V AC
III
PN-EN 60664-1
3
4 000 V AC
1 000 V AC
≥ 8 mm
≥ 8 mm
10 ms
7 ms
> 105
8 A, 250 V AC
> 105
5 A, 250 V AC
> 3 x 107
29 x 10 x 15 mm
10 g
-40...+80 oC
-40...+70 oC
IP 67
RTII
PN-EN 116000-3
10 g 10...100 Hz
max. 270 oC
max. 5 s
Contact data
Number and type of contacts
Contact material
Max. switching voltage
AC/DC
Min. switching voltage
Rated load
AC1
Min. switching current
Max. inrush current
Rated current
Max. breaking capacity
AC1
Min. breaking capacity
Contact resistance
Max. operating frequency
• at rated load
AC1
• no load
Coil data
Rated voltage
DC
Operating range of supply voltage
Duration of supply voltage pulse
Insulation
Insulation category
Insulation rated voltage
Insulation max. voltage
Rated surge voltage
Overvoltage category
Insulation pollution degree
Dielectric strength
• between coil and contacts
• contact clearance
Contact - coil distance
• clearance
• creepage
General data
Operating time (typical value)
Release time (typical value)
Electrical life
• resistive AC1
• cos φ = 0,4
Mechanical life (cycles)
Dimensions (L x W x H)
Weight
Ambient temperature
• storage
• operating
Cover protection category
Environmental protection
Vibration resistance
Solder bath temperature
Soldering time
• Height 15 mm • IP 67
• For PCB
• Insulation 4 kV / 8 mm
• High switching capacity, low power consumption
• Bistable relays with two coils • DC coils
• Terminals raster: type A - 3,2 mm for version 1 C/O,
type A - 5,0 mm for version 1 NO ❶
• Recognitions, certifications, directives: RoHS,
RMB962
miniature relays
The data in bold type pertain to the standard versions of the relays.
Note: At IP 67 waterproof version it is recommended that the vent pin is removed after soldering and washing process.
❶ Relays with other rasters available - contact Relpol S.A.
❷ Supply of bistable relays RMB962 - see page 2
BISTABLE
2-COILS
1


Similar Part No. - RMB962

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RMB VISHAY-RMB Datasheet
203Kb / 2P
Molded Precision Wirewound Resistors Axial Leads
23-Sep-13
RMB VISHAY-RMB Datasheet
100Kb / 4P
Molded Precision Wirewound Resistors Axial Leads
23-Sep-13
logo
RAYEX ELECTRONICS CO., ...
RMB RAYEX-RMB Datasheet
594Kb / 2P
RMB SERIES
logo
Dwyer Instruments,
RMB DWYER-RMB Datasheet
595Kb / 2P
RATE-MASTER® POLYCARBONATE FLOWMETERS 2˝, 5˝ or 10˝ Scale, Interchangeable Bodies
RMB-1 DWYER-RMB-1 Datasheet
595Kb / 2P
RATE-MASTER® POLYCARBONATE FLOWMETERS 2˝, 5˝ or 10˝ Scale, Interchangeable Bodies
More results

Similar Description - RMB962

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
20D-1A12E1 DBLECTRO-20D-1A12E1 Datasheet
986Kb / 2P
MINIATURE REED RELAYS
20D-1A12N1 DBLECTRO-20D-1A12N1 Datasheet
1Mb / 2P
MINIATURE REED RELAYS
21D-1E12N0 DBLECTRO-21D-1E12N0 Datasheet
873Kb / 2P
MINIATURE REED RELAYS
logo
Coto Technology
9011 COTO-9011 Datasheet
94Kb / 2P
Miniature SIP Relays
logo
RHOPOINT COMPONENTS
9011 RHOPOINT-9011 Datasheet
90Kb / 2P
Miniature SIP Relays
logo
OEN India Limited
57DP-6-1A6 OENINDIA-57DP-6-1A6 Datasheet
79Kb / 1P
MINIATURE POWER RELAYS
logo
NEC
EU2 NEC-EU2 Datasheet
926Kb / 7P
Miniature Relays
logo
Altech corporation
RM84-2012 ALTECH-RM84-2012 Datasheet
1Mb / 8P
Miniature Electromagnetic Relays
logo
Willow Technologies Ltd
SERIESE WILLOW-SERIESE Datasheet
1Mb / 2P
Miniature Relays
logo
Kemet Corporation
UC2 KEMET-UC2 Datasheet
1Mb / 16P
Miniature Signal Relays
2/2/2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com